Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPRGBCR4 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVSPRGBCR4
Description  Full-color Power SMD 6mm (130˚ Viewing Angle)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPRGBCR4 Datasheet(HTML) 2 Page - TT Electronics.

  OVSPRGBCR4 Datasheet HTML 1Page - TT Electronics. OVSPRGBCR4 Datasheet HTML 2Page - TT Electronics. OVSPRGBCR4 Datasheet HTML 3Page - TT Electronics. OVSPRGBCR4 Datasheet HTML 4Page - TT Electronics. OVSPRGBCR4 Datasheet HTML 5Page - TT Electronics. OVSPRGBCR4 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Full-color Power SMD 6mm
OVSPRGBCR4
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue F
07/2019 Page 2
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Absolute Maximum Ratings TA = 25°C
Storage Temperature Range
-40 ~ +100° C
Operating Temperature Range
-40 ~ +100° C
Reverse Voltage
5 V
DC forward current (per chip)
250 mA
Peak Pulse Current (per chip) (TP ≤ 10 msec, D ≤ 10%)
500 mA
Electrostatic Discharge (ESD Threshold [HBM])
Class 2
Moisture Sensitivity Level (IPC/JEDEC J-STD-020C)
2a / 672 Hrs
LED Junction Temperature
125° C
Optical and Electrical Characteristics (IF = 250 mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
Red
2.0
2.3
2.8
V
Green
3.0
3.4
3.8
V
Blue
3.0
3.4
3.8
V
IV
Luminous Intensity
Red
7,150
9,000
11,250
mcd
Green
9,000
14,000
18,000
mcd
Blue
2240
3550
5,600
mcd
λD
Dominant Wavelength
Red
620
625
630
nm
Green
520
525
535
nm
Blue
460
465
475
nm
2 Θ½
Beam Angle
----
130
----
deg
Beam Angle
Electrical Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com