Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA50-13 Datasheet(PDF) 2 Page - TT Electronics.

Part # PAA50-13
Description  AC-DC ITE Power Module PAA50 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PAA50-13 Datasheet(HTML) 2 Page - TT Electronics.

  PAA50-13 Datasheet HTML 1Page - TT Electronics. PAA50-13 Datasheet HTML 2Page - TT Electronics. PAA50-13 Datasheet HTML 3Page - TT Electronics. PAA50-13 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© TT Electronics plc
General Note
All data sheets are subject to change without notice.
ISS.6 28/05/2021 Page: 2
TT Electronics | Power Partners, Inc
43 Broad Street Suite B206, Hudson, MA 01749, USA. t: +1 (978) 567-9600
Specifications
Input
Input Voltage
90-305VAC or 127-430VDC
Input Frequency
47-440Hz
Input Current
1000mA max. (115VAC) / 600mA max. (230VAC)
Inrush Current
45A max. (115VAC) / 90A max. (230VAC)
Leakage Current
0.25mA max. (230VAC)
Output
Total Output Power
Up to 50W
Voltage Accuracy
±2%
Minimum Load
0%
Line Regulation
±2.5%
Hold Up Time
30ms min. (at 230VAC)
Protection
Overpower Protection
Hiccup mode, auto-recovery
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Hiccup mode, indefinite (auto-recovery)
Isolation
Input—Output (VAC)
4000V
Environmental
Operating Temperature
-40°C +70°C (with derating)
Storage Temperature
-40°C +85°C
Temperature Coefficient
±0.05%/°C
Humidity
95% RH
MTBF
>300,000h at 25°C (MIL-HDBK-217F)
Vibration
IEC60068-2-27 (10~500Hz, 2G 10min./1cycle, 60min. each along X,
Y, Z axes)
Shock
IEC60068-2-6
General Specifications
Dimensions
2.92 x 1.85 x 0.91 Inches (74.2 x 47.0 x 23.1 mm)
Chassis Mount: 2.55 x 4.4 x 1.13 Inches (64.7x111.9x28.6 mm)
Case Material
Plastic resin (flammability to UL 94V-0)
Weight
158g
Cooling Method
Free air convection
Safety
Agency Approvals
UL/IEC/EN 62368-1, IEC/EN 60950, TUV IEC/EN 60335-1(Chassis
Series N/A), IEC/EN 61558-2-16(Chassis Series N/A)
EMC
EMI (Conducted & Radiated Emissions)
EMS (Noise Immunity)
EN 55032 Class B
EN 55035



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com