Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDD3-10-31-RPU Datasheet(PDF) 1 Page - Novaris

Part # SDD3-10-31-RPU
Description  SDD3-10-31-RPU Surge Diverter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVARIS [Novaris]
Direct Link  http://www.novaris.com.au/
Logo NOVARIS - Novaris

SDD3-10-31-RPU Datasheet(HTML) 1 Page - Novaris

  SDD3-10-31-RPU Datasheet HTML 1Page - Novaris  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.novaris.com.au
Email: sales@novaris.com.au
Telephone: +61 3 6229 7233
SDD3-10-31-RPU Surge Diverter
of power surges and transient disturbances
, thereby limiting the damage to valuable
electrical and electronic equipment.
Once the disturbance has passed the surge diverter will automatically reset and
electronic systems can return to normal operation, thereby minimising costly
downtime.
Electrical Specifications
Connection type
Shunt
Modes of protection
All mode
Lines
2
Nominal voltage
U
0
24V DC
Maximum continuous voltage
U
c
31V DC
Maximum discharge current (8/20µs)
I
max
50kA
Voltage protection level @ 3kA (8/20µs)
U
p
<150V
Response time
t
A
<5ns
Earth leakage current
<10µA
Display
LED status
Recommended backup fuse (HRC)
32A
Mechanical Specifications
Operating temperature / humidity
-40 to +65ºC / 0 to 90% non-condensing
Terminal capacity - power
16mm2
Terminal screw torque - power
1.0Nm
Environmental
IP 20
Mounting
TS35 DIN rail
Enclosure / Colour
Metal / black
Weight
230g
Dimensions
Width
36mm
Height
95mm
Depth
70mm
Standards Compliance
IEC 61643-1 class II, III
AS/NZS 1768 categories B,C
IEEE C62.41 categories A, B
BS 6651 categories A, B
CP 33 categories A, B
IEC 1000-4-5-1995
UL1449 third edition
IEC
*Due to continued product development Novaris reserves the right to change these specifications without prior notice
RAIL PROTECTION
Novaris SDD3 surge protectors offer unsurpassed protection for elecrical systems in the event


Similar Part No. - SDD3-10-31-RPU

ManufacturerPart #DatasheetDescription
logo
Novaris
SDD3-100-275 NOVARIS-SDD3-100-275 Datasheet
431Kb / 2P
DINsafe Surge Diverter
SDD3-100-275-A NOVARIS-SDD3-100-275-A Datasheet
452Kb / 2P
DINsafe Surge Diverter
More results

Similar Description - SDD3-10-31-RPU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8083 PHILIPS-TDA8083 Datasheet
87Kb / 16P
Satellite Demodulator and Decoder SDD3
1999 Jul 28
logo
Cooper Bussmann, Inc.
CC3-SMA COOPER-CC3-SMA Datasheet
254Kb / 1P
CSD-SMA-2500 Surge Diverter
logo
Adels-Contact
122210 ADELS-122210 Datasheet
121Kb / 2P
500/10 31
122230 ADELS-122230 Datasheet
112Kb / 2P
500/10 31 HT
122310 ADELS-122310 Datasheet
121Kb / 2P
500/10 31 DS
122320 ADELS-122320 Datasheet
121Kb / 2P
500/10 31 DS HT
1222GA ADELS-1222GA Datasheet
121Kb / 2P
500/10 31 GW
1223GAM ADELS-1223GAM Datasheet
121Kb / 2P
500/10 31 MDS GW
122310M ADELS-122310M Datasheet
121Kb / 2P
500/10 31 MDS
122370M ADELS-122370M Datasheet
113Kb / 2P
500/10 31 MDS HT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com