Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE2S111C01 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # CE2S111C01
Description  Small coaxial connector for automotive antenna, With bracket (Sideway), 2 pos. (Coaxial: 1, Power terminal: 1), PCB side connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CE2S111C01 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  CE2S111C01 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CE2S111C01 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE2S111C01
Features
Small coaxial connector for automotive antenna, With bracket (Sideway), 2 pos. (Coaxial: 1, Power terminal: 1), PCB side
connector
Part Number
CE2S111C01
Status
Active
Number of Positions
2 pos. (Coaxial: 1, Power terminal: 1)
Connector Type
PCB side connector
Characteristic Impedance
(ohm)
75 ohm
Frequency Range (GHz)
DC to 1
V.S.W.R.
1.5
Applicable Cable Type
  
Applicable Product Part
Numbers
  
Applicable Housing
  
Applicable Contacts
  
Mate to Contact
  
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
241 substances (27/06/2024)
Product Details


Similar Part No. - CE2S111C01

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CE2S111C02 JAE-CE2S111C02 Datasheet
107Kb / 2P
Small coaxial connector for automotive antenna, With bracket (Upward), 2 pos. (Coaxial: 1, Power terminal: 1), PCB side connector
More results

Similar Description - CE2S111C01

ManufacturerPart #DatasheetDescription
logo
ITT Industries
BBAI-1203 ITT-BBAI-1203 Datasheet
98Kb / 1P
Coaxial Terminations, 1 and 2 Point Direct PCB
logo
DDK Ltd.
PMP DDK-PMP Datasheet
711Kb / 3P
Automotive Coaxial Connector
PMP-SP-1D-CR3 DDK-PMP-SP-1D-CR3 Datasheet
712Kb / 3P
Automotive Coaxial Connector
logo
Huber+Suhner, Inc.
82_BNC-50-0-1133_N HUBERSUHNER-82_BNC-50-0-1133_N Datasheet
813Kb / 1P
Coaxial PCB Connector
82_BNC-50-0-1133_NH HUBERSUHNER-82_BNC-50-0-1133_NH Datasheet
813Kb / 1P
Coaxial PCB Connector
82_SMA-50-0-1111_N HUBERSUHNER-82_SMA-50-0-1111_N Datasheet
796Kb / 1P
Coaxial PCB Connector
82_SMB-50-0-1111_NE HUBERSUHNER-82_SMB-50-0-1111_NE Datasheet
814Kb / 1P
Coaxial PCB Connector
82_SMC-50-0-1111_NE HUBERSUHNER-82_SMC-50-0-1111_NE Datasheet
796Kb / 1P
Coaxial PCB Connector
85_BNC-50-0-1133_N HUBERSUHNER-85_BNC-50-0-1133_N Datasheet
831Kb / 1P
Coaxial PCB Connector
85_BNC-75-0-1133_NE HUBERSUHNER-85_BNC-75-0-1133_NE Datasheet
816Kb / 1P
Coaxial PCB Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com