Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE2S202DM3 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # CE2S202DM3
Description  Small coaxial connector for digital radio, Without bracket, 2 pos. (Coaxial: 2), PCB side connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

CE2S202DM3 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  CE2S202DM3 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. CE2S202DM3 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE2S202DM3
Features
Small coaxial connector for digital radio, Without bracket, 2 pos. (Coaxial: 2), PCB side connector
Part Number
CE2S202DM3
Status
Active
Number of Positions
2 pos. (Coaxial: 2)
Connector Type
PCB side connector
Characteristic Impedance
(ohm)
50 ohm
Frequency Range (GHz)
DC to 1.5
V.S.W.R.
1.8
Applicable Cable Type
  
Applicable Product Part
Numbers
  
Applicable Housing
  
Applicable Contacts
  
Mate to Contact
  
RoHS compliant
6 substances (2011/65/EU)
REACH compliant
241 substances (27/06/2024)
Combination
CE2A202Z00
Product Details


Similar Part No. - CE2S202DM3

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
CE2S201C01 JAE-CE2S201C01 Datasheet
110Kb / 2P
Small coaxial connector for automotive antenna, With bracket (Sideway), 2 pos. (Coaxial: 2), PCB side connector
CE2S201C02 JAE-CE2S201C02 Datasheet
106Kb / 2P
Small coaxial connector for automotive antenna, With bracket (Upward), 2 pos. (Coaxial: 2), PCB side connector
More results

Similar Description - CE2S202DM3

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
82_BNC-50-0-1133_N HUBERSUHNER-82_BNC-50-0-1133_N Datasheet
813Kb / 1P
Coaxial PCB Connector
82_BNC-50-0-1133_NH HUBERSUHNER-82_BNC-50-0-1133_NH Datasheet
813Kb / 1P
Coaxial PCB Connector
82_MCX-50-0-10111_NE HUBERSUHNER-82_MCX-50-0-10111_NE Datasheet
803Kb / 1P
Coaxial PCB Connector
82_SMA-50-0-1111_N HUBERSUHNER-82_SMA-50-0-1111_N Datasheet
796Kb / 1P
Coaxial PCB Connector
82_SMB-50-0-1111_NE HUBERSUHNER-82_SMB-50-0-1111_NE Datasheet
814Kb / 1P
Coaxial PCB Connector
82_SMC-50-0-1111_NE HUBERSUHNER-82_SMC-50-0-1111_NE Datasheet
796Kb / 1P
Coaxial PCB Connector
85_BNC-50-0-1133_N HUBERSUHNER-85_BNC-50-0-1133_N Datasheet
831Kb / 1P
Coaxial PCB Connector
85_BNC-50-0-1133_NE HUBERSUHNER-85_BNC-50-0-1133_NE Datasheet
831Kb / 1P
Coaxial PCB Connector
85_BNC-75-0-1133_NE HUBERSUHNER-85_BNC-75-0-1133_NE Datasheet
816Kb / 1P
Coaxial PCB Connector
85_SMB-50-0-1111_NE HUBERSUHNER-85_SMB-50-0-1111_NE Datasheet
802Kb / 1P
Coaxial PCB Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com