Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC163 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74AC163
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC163 Datasheet(HTML) 2 Page - STMicroelectronics

  74AC163 Datasheet HTML 1Page - STMicroelectronics 74AC163 Datasheet HTML 2Page - STMicroelectronics 74AC163 Datasheet HTML 3Page - STMicroelectronics 74AC163 Datasheet HTML 4Page - STMicroelectronics 74AC163 Datasheet HTML 5Page - STMicroelectronics 74AC163 Datasheet HTML 6Page - STMicroelectronics 74AC163 Datasheet HTML 7Page - STMicroelectronics 74AC163 Datasheet HTML 8Page - STMicroelectronics 74AC163 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
LOGIC DIAGRAMS
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCT ION
1
CLEAR
Master Reset
2
CLOCK
Clock Input (LOW-to-HIGH,
Edge- Triggered)
3, 4, 5, 6
A, B, C, D
Data Inputs
7
ENABLE P Count Enable Input
10
ENABLE T
Count Enable Carry Input
9
LOAD
Parallel Enable Input
14, 13, 12,
11
QA to QD
Flip-Flop Outpus
10
ENABLE T
Count Enable Carry Input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
TRUTH TABLE
INPUTS
OUTPUT S
FUNCT ION
CLR
LD
PE
T E
CK
QAQBQCQD
L
X
X
X
LLLL
RESET TO ”0”
H
L
X
X
A
B
C
D
PRESET DATA
H
H
X
L
NO CHANGE
NO COUNT
H
H
L
X
NO CHANGE
NO COUNT
H
H
H
H
COUNT UP
COUNT
X
X
X
X
NO CHANGE
NO COUNT
NOTE:
X:Don’t Care
A,B, C,D: Logic level of data input
CARRY=TE
• QA• QB• QC • QD
74AC163
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com