Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO124U/1K.B Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO124U/1K.B
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124U/1K.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO124U/1K.B Datasheet HTML 3Page - Texas Instruments ISO124U/1K.B Datasheet HTML 4Page - Texas Instruments ISO124U/1K.B Datasheet HTML 5Page - Texas Instruments ISO124U/1K.B Datasheet HTML 6Page - Texas Instruments ISO124U/1K.B Datasheet HTML 7Page - Texas Instruments ISO124U/1K.B Datasheet HTML 8Page - Texas Instruments ISO124U/1K.B Datasheet HTML 9Page - Texas Instruments ISO124U/1K.B Datasheet HTML 10Page - Texas Instruments ISO124U/1K.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
0
–10
–20
–30
–40
250
200
150
100
50
0
500k
1M
1.5M
Input Frequency (Hz)
V
OUT/VIN
100kHz
Frequency
Out
60
40
20
0
54
1
10
100
1k
10k
100k
1M
Frequency (Hz)
–V
S1, –VS2
+V
S1, +VS2
100mA
10mA
1mA
100µA
10µA
1µA
0.1µA
1
10
100
1k
10k
100k
1M
Frequency (Hz)
1500Vrms
240Vrms
7
ISO124
www.ti.com
SBOS074E – SEPTEMBER 1997 – REVISED JUNE 2018
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = +25°C, and VS = ±15 V (unless otherwise noted)
Figure 7. PSRR vs Frequency
Figure 8. Isolation Leakage Current vs Frequency
NOTE: Shaded area shows aliasing frequencies that cannot
be removed by a low-pass filter at the output.
Figure 9. Signal Response to Inputs Greater than 250 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com