Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2512ASM/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM2512ASM/NOPB
Description  LM2512A Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2512ASM/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2512ASM/NOPB Datasheet HTML 10Page - Texas Instruments LM2512ASM/NOPB Datasheet HTML 11Page - Texas Instruments LM2512ASM/NOPB Datasheet HTML 12Page - Texas Instruments LM2512ASM/NOPB Datasheet HTML 13Page - Texas Instruments LM2512ASM/NOPB Datasheet HTML 14Page - Texas Instruments LM2512ASM/NOPB Datasheet HTML 15Page - Texas Instruments LM2512ASM/NOPB Datasheet HTML 16Page - Texas Instruments LM2512ASM/NOPB Datasheet HTML 17Page - Texas Instruments LM2512ASM/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
LM2512A
SNLS269B – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Table 5. LM2512A SPI Registers
Name
Addres
Type(1) Description
Default
s
Command
0x00
R/W
Bit 0 = LUT Enable
00’h
0’b = LUT Disabled, 1’b = LUT Enabled
Bit 4 = Special Register Access
0’b = SRA Locked, 1’b = SRA Unlocked
For access to Registers 0x01, 0x08, 0x09, 0x0A, the Special Register Access bit
must be unlocked. Must write all 8 bits.
Configuration(2)
0x01
R/W
Bit 4 = MPL Edge Rate
00’h
0’b = normal edge, 1’b = slow edge
All other bits reserved, must be written as 0s.
Red RAM Address
0x02
R/W
Red Address
00’h
Red RAM Data
0x03
R/W
Red Data
XX’h
Green RAM Address
0x04
R/W
Green Address
00’h
Green RAM Data
0x05
R/W
Green Data
XX’h
Blue RAM Address
0x06
R/W
Blue Address
00’h
Blue RAM Data
0x07
R/W
Blue Data
XX’h
Dither Configuration1
0x08
R/W
Bit 0 - Dither Bypass
61’h
(2)
1’b = Bypass Dither, 0’b = Dither ON
Bit 1 - DE INV
1’b = Active Low DE, 0’b = Active High DE
Does not alter DE signal, dither block input only.
Bit 2 - VS INV
1’b = Active Low VS signal, 0’b = Active High VS signal.
Does not alter VS signal, dither block input only.
Bit 3 - Reserved
Bit 4 - Tempen0
1’b = Transposed Dither Pattern,
0’b = Even and odd frames use same dither pattern
Bit 5 - Tempen1
1’b = Temporal Dithering is Enabled, 0’b = Disabled
Bit 6 - Dith3 - Dither Amplitude
1’b = set to 3 bits, 0’b = set to 4 bits
Bit 7 - Reserved
Dither Configuration2
0x09
R/W
Dither Parameter
67’h
(2)
Reserved, Default value recommended.
Lane Scale
0x0A
W
Bit[2:0]
02’h
(2) (3)
000’b = Reserved
010’b = 2 MD Lanes (Default)
100’b = 3 MD Lanes
all others= Reserved
Reserved
0x0B-
na
Reserved
(4)
0x15
Device Select
0x16
R/W
0xFF’h enables LM2512A SPI
00’h
(Unlock/Lock)
All other values disables LM2512A SPI (0x00 to 0xFE)
Reserved
0x17-
na
Reserved
(4)
0x7F
(1)
If a WRITE is done to a reserved bits, data should be all 0’s. If a READ is done to a reserved location, either 1’s or 0’s may be returned.
Mask reserved data bits.
(2)
This register must be unlocked first through bit 4 of register 0.
(3)
WRITE ONLY Register, read of this register is not supported.
(4)
DO NOT write to Reserved Registers.
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM2512A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com