Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2696MXAX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2696MXAX/NOPB
Description  LM2696 3A, Constant On Time Buck Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2696MXAX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2696MXAX/NOPB Datasheet HTML 9Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 10Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 11Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 12Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 13Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 14Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 15Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 16Page - Texas Instruments LM2696MXAX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
tSS_MIN =
COUTVOUT
3A
tSS =
1.25V CSS
ISS
LM2696
www.ti.com
SNVS375B – OCTOBER 2005 – REVISED APRIL 2013
AVIN CAPACITOR
AVIN is the analog bias rail of the device. It should be bypassed externally with a small (1 µF) ceramic capacitor
to prevent unwanted noise from entering the device. In a shutdown state the current needed by AVIN will drop to
approximately 12 µA, providing a low power sleep state.
In most cases of operation, AVIN is connected to PVIN; however, it is possible to have split rail operation where
AVIN is at a higher voltage than PVIN. AVIN should never be lower than PVIN. Splitting the rails allows the power
conversion to occur from a lower rail than the AVIN operating range.
SOFT-START CAPACITOR
The SS capacitor is used to slowly ramp the reference from 0V to its final value of 1.25V (during shutdown this
pin will be discharged to 0V). This controlled startup ability eliminates large in-rush currents in an attempt to
charge up the output capacitor. By changing the value of this capacitor, the duration of the startup may be
changed accordingly. The startup time may be calculated using the following relationship:
Where
•
ISS is the soft-start pin source current (1 µA typical) that may be found in the ELECTRICAL
CHARACTERISTICS table.
(16)
While the CSS capacitor can be sized to meet the startup requirements, there are limitations to its size. If the
capacitor is too small, the soft-start will have little effect as the reference voltage is rising faster than the output
capacitor can be charged causing the part to go into current limit. Therefore a minimum soft-start time should be
taken into account. This can be determined by:
(17)
While COUT and VOUT control the slew rate of the output voltage, the total amount of time the LM2696 takes to
startup is dependent on two other terms. See the “ Startup” section for more information.
EXTVCC CAPACITOR
External VCC is a 3.65V rail generated by an internal sub-regulator that powers the parts internal circuitry. This
rail should be bypassed with a 1 µF ceramic capacitor (X5R or equivalent dielectric). Although EXTVCC is for
internal use, it can be used as an external rail for extremely light loads (<50 µA). If EXTVCC is accidentally
shorted to GND the part is protected by a 5 mA current limit. This rail also has an under-voltage lockout that will
prevent the part from switching if the EXTVCC voltage drops.
SHUTDOWN
The state of the shutdown pin enables the device or places it in a sleep state. This pin has an internal pull-up
and may be left floating or connected to a high logic level. Connecting this pin to GND will shutdown the part.
Shutting down the part will prevent the part from switching and reduce the quiescent current drawn by the part.
This pin must be bypassed with a 1 nF ceramic capacitor (X5R or Y5V) to ensure proper logic thresholds.
CBOOT CAPACITOR
The purpose of an external bootstrap capacitor is to turn the FET on by using the SW node as a pedestal. This
allows the voltage on the CBOOT pin to be greater than VIN. Whenever the catch diode is conducting and the
SW node is at GND, an internal diode will conduct that charges the CBOOT capacitor to approximately 4V.
When the SW node rises, the CBOOT pin will rise to approximately 4V above the SW node. For optimal
performance, a 0.1 µF ceramic capacitor (X5R or equivalent dielectric) should be used.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2696



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com