Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321MFX/NOPB.B Datasheet(PDF) 13 Page - Texas Instruments

Part # LM321MFX/NOPB.B
Description  LM321 Low Power Single Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM321MFX/NOPB.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM321MFX/NOPB.B Datasheet HTML 9Page - Texas Instruments LM321MFX/NOPB.B Datasheet HTML 10Page - Texas Instruments LM321MFX/NOPB.B Datasheet HTML 11Page - Texas Instruments LM321MFX/NOPB.B Datasheet HTML 12Page - Texas Instruments LM321MFX/NOPB.B Datasheet HTML 13Page - Texas Instruments LM321MFX/NOPB.B Datasheet HTML 14Page - Texas Instruments LM321MFX/NOPB.B Datasheet HTML 15Page - Texas Instruments LM321MFX/NOPB.B Datasheet HTML 16Page - Texas Instruments LM321MFX/NOPB.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LM321
www.ti.com
SNOS935C – FEBRUARY 2001 – REVISED DECEMBER 2014
Typical Applications (continued)
8.2.7 Lamp Driver
Similar to the LED driver, LM321 can be used as a lamp driver. The output of the amplifier is to be connected to
the base of a bipolar transistor which will drive
β*output current of the amplifier through the lamp.
Figure 14. Lamp Driver Schematic
9 Power Supply Recommendations
The LM321 is specified for operation up to 32 V; many specifications apply from –40°C to 85°C. Parameters that
can exhibit significant variance with regard to operating voltage or temperature are presented in Typical
Characteristics. Place 0.1-
μF bypass capacitors close to the power-supply terminals to reduce errors coupling in
from noisy or high-impedance power supplies. For more detailed information on bypass capacitor placement, see
Layout.
10 Layout
10.1 Layout Guidelines
For best operational performance of the device, use good printed circuit board (PCB) layout practices, including:
•
Noise can propagate into analog circuitry through the power pins of the circuit as a whole and operational
amplifer itself. Bypass capacitors are used to reduce the coupled noise by providing low-impedance power
sources local to the analog circuitry.
–
Connect low-ESR, 0.1-
μF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is applicable for single
supply applications.
•
Separate grounding for analog and digital portions of circuitry is one of the simplest and most-effective
methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground planes.
A ground plane helps distribute heat and reduces EMI noise pickup. Make sure to physically separate digital
and analog grounds paying attention to the flow of the ground current. For more detailed information refer to
Circuit Board Layout Techniques, SLOA089.
•
In order to reduce parasitic coupling, run the input traces as far away from the supply or output traces as
possible. If it is not possible to keep them separate, it is much better to cross the sensitive trace perpendicular
as opposed to in parallel with the noisy trace.
•
Place the external components as close to the device as possible. As shown in Figure 15, keeping RF and
RG close to the inverting input minimizes parasitic capacitance.
•
Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
•
Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly reduce
leakage currents from nearby traces that are at different potentials.
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com