Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM360 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM360
Description  LM160/LM360 High Speed Differential Comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM360 Datasheet(HTML) 2 Page - Texas Instruments

  LM360 Datasheet HTML 1Page - Texas Instruments LM360 Datasheet HTML 2Page - Texas Instruments LM360 Datasheet HTML 3Page - Texas Instruments LM360 Datasheet HTML 4Page - Texas Instruments LM360 Datasheet HTML 5Page - Texas Instruments LM360 Datasheet HTML 6Page - Texas Instruments LM360 Datasheet HTML 7Page - Texas Instruments LM360 Datasheet HTML 8Page - Texas Instruments LM360 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LM160, LM360
SNOSBJ4C – MAY 1999 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
Positive Supply Voltage
+8V
Negative Supply Voltage
−8V
Peak Output Current
20 mA
Differential Input Voltage
±5V
Input Voltage
V+
≥ VIN ≥ V
−
ESD Tolerance (3)
1600V
Operating Temperature
LM160
−55°C to +125°C
Range
LM360
0°C to +70°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 10 sec.)
260°C
Soldering Information
PDIP Package
Soldering (10 seconds)
260°C
SOIC Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices.
(1)
The device may be damaged if used beyond the maximum ratings.
(2)
Refer to RETS 160X for LM160H, LM160J-14 and LM160J military specifications.
(3)
Human body model, 1.5 k
Ω in series with 100 pF.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM160 LM360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com