Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM140LAH-12 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM140LAH-12
Description  LM140L/LM340L Series 3-Terminal Positive Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM140LAH-12 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM140LAH-12 Datasheet HTML 5Page - Texas Instruments LM140LAH-12 Datasheet HTML 6Page - Texas Instruments LM140LAH-12 Datasheet HTML 7Page - Texas Instruments LM140LAH-12 Datasheet HTML 8Page - Texas Instruments LM140LAH-12 Datasheet HTML 9Page - Texas Instruments LM140LAH-12 Datasheet HTML 10Page - Texas Instruments LM140LAH-12 Datasheet HTML 11Page - Texas Instruments LM140LAH-12 Datasheet HTML 12Page - Texas Instruments LM140LAH-12 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LM140LAH-12
Active
Production
TO (NDT) | 3
500 | BULK
Yes
AU
Level-1-NA-UNLIM
-55 to 125
( LM140LAH-12, LM1
40LAH-12)
LM140LAH-12/NOPB
Active
Production
TO (NDT) | 3
500 | BULK
Yes
AU
Level-1-NA-UNLIM
-55 to 125
( LM140LAH-12, LM1
40LAH-12)
LM140LAH-15
Active
Production
TO (NDT) | 3
500 | BULK
Yes
AU
Level-1-NA-UNLIM
-55 to 125
( LM140LAH-15, LM1
40LAH-15)
LM140LAH-15/NOPB
Active
Production
TO (NDT) | 3
500 | BULK
Yes
AU
Level-1-NA-UNLIM
-55 to 125
( LM140LAH-15, LM1
40LAH-15)
LM140LAH-5.0
Active
Production
TO (NDT) | 3
500 | BULK
Yes
AU
Level-1-NA-UNLIM
-55 to 125
( LM140LAH-5.0, LM
140LAH-5.0)
LM140LAH-5.0/NOPB
Active
Production
TO (NDT) | 3
500 | BULK
Yes
AU
Level-1-NA-UNLIM
-55 to 125
( LM140LAH-5.0, LM
140LAH-5.0)
LM340LAZ-5.0/LFT4
Active
Production
TO-92 (LP) | 3
2000 | LARGE T&R
Yes
Call TI
N/A for Pkg Type
-
340LA
Z-5.0
LM340LAZ-5.0/LFT4.B
Active
Production
TO-92 (LP) | 3
2000 | LARGE T&R
Yes
Call TI
N/A for Pkg Type
See LM340LAZ-5.0/
LFT4
340LA
Z-5.0
LM340LAZ-5.0/NOPB
Active
Production
TO-92 (LP) | 3
1800 | BULK
Yes
Call TI
N/A for Pkg Type
0 to 70
340LA
Z-5.0
LM340LAZ-5.0/NOPB.B
Active
Production
TO-92 (LP) | 3
1800 | BULK
Yes
Call TI
N/A for Pkg Type
See LM340LAZ-5.0/
NOPB
340LA
Z-5.0
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com