Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM397MF/NOPB.B Datasheet(PDF) 10 Page - Texas Instruments

Part # LM397MF/NOPB.B
Description  LM397 Single General-Purpose Voltage Comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM397MF/NOPB.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM397MF/NOPB.B Datasheet HTML 6Page - Texas Instruments LM397MF/NOPB.B Datasheet HTML 7Page - Texas Instruments LM397MF/NOPB.B Datasheet HTML 8Page - Texas Instruments LM397MF/NOPB.B Datasheet HTML 9Page - Texas Instruments LM397MF/NOPB.B Datasheet HTML 10Page - Texas Instruments LM397MF/NOPB.B Datasheet HTML 11Page - Texas Instruments LM397MF/NOPB.B Datasheet HTML 12Page - Texas Instruments LM397MF/NOPB.B Datasheet HTML 13Page - Texas Instruments LM397MF/NOPB.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
200
400
800
1200
1400
2000
-100
-
50
0
50
10
0
0
2
4
6
8
10
TIME (ns)
VOD = 50mV
VOD = 5mV
OVERDRIVE
VOLTAGE (VOD)
VS = 5V, RPULL-UP = 5.1k: TO VS
CL = 15pF TO GND
200
400
800
1200
1400
2000
-100
-
50
0
50
10
0
0
2
4
6
8
10
TIME (ns)
VOD = 50mV
VOD = 5mV
OVERDRIVE
VOLTAGE (VOD)
VS = 5V, RPULL-UP = 5.1k: TO VS
CL = 15pF TO GND
10
LM397
SNOS977F – MAY 2001 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM397
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
8.2.2.1 Input Voltage Range
When choosing the input voltage range, the input common mode voltage range (VCM) must be taken in to
account. If temperature operation is above or below 25°C the VCM can range from 0 V to VS – 1.5 V. This limits
the input voltage range to as high as VS – 1.5 V and as low as 0 V. Operation outside of this range can yield
incorrect comparisons.
Below is a list of input voltage situation and their outcomes:
1. When both IN– and IN+ are both within the common mode range:
(a) If IN– is higher than IN+ and the offset voltage, the output is low and the output transistor is sinking
current
(b) If IN– is lower than IN+ and the offset voltage, the output is high impedance and the output transistor is
not conducting
2. When IN– is higher than common mode and IN+ is within common mode, the output is low and the output
transistor is sinking current
3. When IN+ is higher than common mode and IN– is within common mode, the output is high impedance and
the output transistor is not conducting
4. When IN– and IN+ are both higher than common mode, the output is low and the output transistor is sinking
current
8.2.2.2 Minimum Overdrive Voltage
Overdrive Voltage is the differential voltage produced between the positive and negative inputs of the comparator
over the offset voltage. To make an accurate comparison; the overdrive voltage should be higher than the input
offset voltage. Overdrive voltage can also determine the response time of the comparator, with the response time
decreasing with increasing overdrive.
8.2.2.3 Output and Drive Current
Output current is determined by the pullup resistance (RPULLUP) and VS voltage. The output current will produce a
output low voltage (VOL) from the comparator. In which VOL is proportional to the output current. Use Figure 3 to
determine VOL based on the output current. The output current can also effect the transient response.
8.2.3 Application Curves
Figure 10. Response Time for Various Input Overdrives –
tPHL
Figure 11. Response Time for Various Input Overdrives –
tPLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com