Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803084 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803084
Description  EMLC (...X...)R - Fabric label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803084 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803084 Datasheet HTML 1Page - PHOENIX CONTACT 0803084 Datasheet HTML 2Page - PHOENIX CONTACT 0803084 Datasheet HTML 3Page - PHOENIX CONTACT 0803084 Datasheet HTML 4Page - PHOENIX CONTACT 0803084 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Fabric label, Roll, white, unlabeled, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: adhesive, text field height: 350
mm, text field width: 100 mm
Your advantages
The EMLC label consists of a textile foil with very low restoring forces
•
Enables labels to be stuck over edges and curves
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
Commercial data
Item number
0803084
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG2411
Country of origin
CN
EMLC (...X...)R - Fabric label
0803084
https://www.phoenixcontact.com/us/products/0803084
Jun 25, 2025, 7:13AM
Page 1 (5)


Similar Part No. - 0803084

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803081 PHOENIX-0803081 Datasheet
182Kb / 5P
TMT (EX10,5)R CUS - Marker for terminal blocks
0803082 PHOENIX-0803082 Datasheet
182Kb / 5P
TMT (EX12)R CUS - Marker for terminal blocks
0803083 PHOENIX-0803083 Datasheet
190Kb / 5P
EML (...X...)R SR - Label
0803085 PHOENIX-0803085 Datasheet
182Kb / 5P
EMLC (...X...)R YE - Fabric label
0803086 PHOENIX-0803086 Datasheet
183Kb / 5P
EML-HT (...X...)R - High-temperature label
More results

Similar Description - 0803084

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803137 PHOENIX-0803137 Datasheet
51Kb / 3P
Label - EML (105X23)R
0830485 PHOENIX-0830485 Datasheet
54Kb / 4P
Label - EML (75X10)R
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0801994 PHOENIX-0801994 Datasheet
50Kb / 4P
Label - EML (110XE)R SR
0805470 PHOENIX-0805470 Datasheet
47Kb / 3P
Fabric label sheet - BMK 20X 8 WH
0815596 PHOENIX-0815596 Datasheet
47Kb / 3P
Label - EML (110XE)R
0815680 PHOENIX-0815680 Datasheet
46Kb / 3P
Fabric label - EMLC (20X8)R
0815800 PHOENIX-0815800 Datasheet
46Kb / 3P
Fabric label - EMLC (20X8)RL YE
0830481 PHOENIX-0830481 Datasheet
49Kb / 3P
Label - EML (40X6)R
0830483 PHOENIX-0830483 Datasheet
49Kb / 3P
Label - EML (50X10)R
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com