Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803085 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803085
Description  EMLC (...X...)R YE - Fabric label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803085 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803085 Datasheet HTML 1Page - PHOENIX CONTACT 0803085 Datasheet HTML 2Page - PHOENIX CONTACT 0803085 Datasheet HTML 3Page - PHOENIX CONTACT 0803085 Datasheet HTML 4Page - PHOENIX CONTACT 0803085 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Fabric label, Roll, yellow, unlabeled, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: adhesive, text field height: 350
mm, text field width: 100 mm
Your advantages
The EMLC label consists of a textile foil with very low restoring forces
•
Enables labels to be stuck over edges and curves
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
Commercial data
Item number
0803085
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG2411
Weight per piece (including packing)
9.99 g
Weight per piece (excluding packing)
9.99 g
Country of origin
DE
EMLC (...X...)R YE - Fabric label
0803085
https://www.phoenixcontact.com/us/products/0803085
Jun 25, 2025, 7:22AM
Page 1 (5)


Similar Part No. - 0803085

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803081 PHOENIX-0803081 Datasheet
182Kb / 5P
TMT (EX10,5)R CUS - Marker for terminal blocks
0803082 PHOENIX-0803082 Datasheet
182Kb / 5P
TMT (EX12)R CUS - Marker for terminal blocks
0803083 PHOENIX-0803083 Datasheet
190Kb / 5P
EML (...X...)R SR - Label
0803084 PHOENIX-0803084 Datasheet
181Kb / 5P
EMLC (...X...)R - Fabric label
0803086 PHOENIX-0803086 Datasheet
183Kb / 5P
EML-HT (...X...)R - High-temperature label
More results

Similar Description - 0803085

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0815606 PHOENIX-0815606 Datasheet
48Kb / 3P
Label - EML (110XE)R YE
0815680 PHOENIX-0815680 Datasheet
46Kb / 3P
Fabric label - EMLC (20X8)R
0815800 PHOENIX-0815800 Datasheet
46Kb / 3P
Fabric label - EMLC (20X8)RL YE
1014305 PHOENIX-1014305 Datasheet
44Kb / 2P
Magnetic label - PMM (EX20)R YE
1014308 PHOENIX-1014308 Datasheet
44Kb / 2P
Magnetic label - PMM (EX25)R YE
1014311 PHOENIX-1014311 Datasheet
44Kb / 2P
Magnetic label - PMM (EX30)R YE
1014314 PHOENIX-1014314 Datasheet
44Kb / 2P
Magnetic label - PMM (EX40)R YE
1014317 PHOENIX-1014317 Datasheet
44Kb / 2P
Magnetic label - PMM (EX50)R YE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com