Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803089 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803089
Description  EML-HA (...X...)R - Label for rough surfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803089 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803089 Datasheet HTML 1Page - PHOENIX CONTACT 0803089 Datasheet HTML 2Page - PHOENIX CONTACT 0803089 Datasheet HTML 3Page - PHOENIX CONTACT 0803089 Datasheet HTML 4Page - PHOENIX CONTACT 0803089 Datasheet HTML 5Page - PHOENIX CONTACT 0803089 Datasheet HTML 6Page - PHOENIX CONTACT 0803089 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label for rough surfaces, Roll, white, unlabeled, can be labeled with: THERMOMARK E.300
(D)/600 (D), THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1,
THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: adhesive, text
field height: 350 mm, text field width: 100 mm
Your advantages
The EML-HA … self-adhesive device markers are suitable for identification of various types of equipment in controller, system, and control
cabinet building
•
The EML-HA features a special adhesive with a very high bonding strength. This means it can be stuck onto rough, textured, and low-energy
surfaces
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The EML-HA ... materials are UL-listed
•
Commercial data
Item number
0803089
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG2411
Country of origin
BE
EML-HA (...X...)R - Label for rough surfaces
0803089
https://www.phoenixcontact.com/us/products/0803089
Jun 25, 2025, 7:37AM
Page 1 (7)


Similar Part No. - 0803089

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803081 PHOENIX-0803081 Datasheet
182Kb / 5P
TMT (EX10,5)R CUS - Marker for terminal blocks
0803082 PHOENIX-0803082 Datasheet
182Kb / 5P
TMT (EX12)R CUS - Marker for terminal blocks
0803083 PHOENIX-0803083 Datasheet
190Kb / 5P
EML (...X...)R SR - Label
0803084 PHOENIX-0803084 Datasheet
181Kb / 5P
EMLC (...X...)R - Fabric label
0803085 PHOENIX-0803085 Datasheet
182Kb / 5P
EMLC (...X...)R YE - Fabric label
More results

Similar Description - 0803089

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803682 PHOENIX-0803682 Datasheet
47Kb / 3P
Label for rough surfaces - EML-HA (38,1X25,4)R /OS
0830600 PHOENIX-0830600 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (15X9)R
0830604 PHOENIX-0830604 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (40X8)R
0830605 PHOENIX-0830605 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (40X15)R
0830606 PHOENIX-0830606 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (60X30)R
0830607 PHOENIX-0830607 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (70X32)R
0830608 PHOENIX-0830608 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (70X150)R
0830609 PHOENIX-0830609 Datasheet
51Kb / 3P
Label for rough plastic surfaces - EML-HA (76X51)R
0830730 PHOENIX-0830730 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (70X50)R
0830731 PHOENIX-0830731 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (100X73)R
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com