Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803133 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803133
Description  UCT-PMP (90X38) YE - Insert label
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803133 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803133 Datasheet HTML 1Page - PHOENIX CONTACT 0803133 Datasheet HTML 2Page - PHOENIX CONTACT 0803133 Datasheet HTML 3Page - PHOENIX CONTACT 0803133 Datasheet HTML 4Page - PHOENIX CONTACT 0803133 Datasheet HTML 5Page - PHOENIX CONTACT 0803133 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Insert label, Sheet, yellow, unlabeled, can be labeled with: BLUEMARK E.CARD, 
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER,
mounting type: snapped into marker carrier, Number of individual labels: 1, text field height: 38
mm, text field width: 90 mm
Your advantages
The UCT-PMP (90x38) system marking label is easy to mount and, if necessary, remove
•
The wide temperature range means that the labels can be used in control cabinets as well as the field
•
The sheets provide space for including function texts
•
The markers, which are supplied in uniform sheets, can be marked quickly and easily using the BLUEMARK ID..., BLUEMARK CLED, TOPMARK
LASER, or TOPMARK NEO<br/> 
•
The format automatically ensures printing with a high degree of positioning accuracy
•
Marking service: Phoenix Contact can custom-mark all labels according to your requirements
•
Commercial data
Item number
0803133
Packing unit
10 pc
Minimum order quantity
10 pc
Product key
BG2418
GTIN
4046356966689
Weight per piece (including packing)
10.49 g
Weight per piece (excluding packing)
10.49 g
Country of origin
PL
UCT-PMP (90X38) YE - Insert label
0803133
https://www.phoenixcontact.com/us/products/0803133
Jun 25, 2025, 5:51AM
Page 1 (6)


Similar Part No. - 0803133

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803132 PHOENIX-0803132 Datasheet
184Kb / 5P
UCT-PMP (90X38) VT - Insert label
0803134 PHOENIX-0803134 Datasheet
244Kb / 7P
UC-EMSP (50X15) BU - Device marker
0803135 PHOENIX-0803135 Datasheet
244Kb / 7P
UC-EMSP (50X15) RD - Device marker
0803137 PHOENIX-0803137 Datasheet
51Kb / 3P
Label - EML (105X23)R
More results

Similar Description - 0803133

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0803815 PHOENIX-0803815 Datasheet
52Kb / 2P
Label - US-EML (16,5X5) YE
0803819 PHOENIX-0803819 Datasheet
52Kb / 2P
Label - US-EML (16X7) YE
0803828 PHOENIX-0803828 Datasheet
52Kb / 2P
Label - US-EMLF (15X9) YE
0803836 PHOENIX-0803836 Datasheet
52Kb / 2P
Label - US-EMLF (17,5X8) YE
0803849 PHOENIX-0803849 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5) YE
0803859 PHOENIX-0803859 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109) YE
0803863 PHOENIX-0803863 Datasheet
51Kb / 2P
Insert label - US-EMT (13X109) YE
1014087 PHOENIX-1014087 Datasheet
56Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com