Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804449 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0804449
Description  US-EMLP (27X18) RD - Plastic label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804449 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0804449 Datasheet HTML 1Page - PHOENIX CONTACT 0804449 Datasheet HTML 2Page - PHOENIX CONTACT 0804449 Datasheet HTML 3Page - PHOENIX CONTACT 0804449 Datasheet HTML 4Page - PHOENIX CONTACT 0804449 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Salt spray test
Specification
DIN EN 60068-2-11:2000-02
Result
Test passed
Ambient conditions
Ambient temperature (operation)
-30 °C ... 80 °C
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in
the original packaging is recommended.
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Shelf life
12 months
Dimensions
Width
27 mm
Height
17.6 mm
Depth
0.55 mm
Text field
Text field width
27 mm
Text field height
18 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
US-EMLP (27X18) RD - Plastic label
0804449
https://www.phoenixcontact.com/us/products/0804449
Jun 25, 2025, 5:37AM
Page 3 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com