Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB9 Datasheet(PDF) 2 Page - BLOCK Transformatoren-Elektronik GmbH

Part # VB9
Description  Safety isolating transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCK [BLOCK Transformatoren-Elektronik GmbH]
Direct Link  www.block.eu
Logo BLOCK - BLOCK Transformatoren-Elektronik GmbH

VB9 Datasheet(HTML) 2 Page - BLOCK Transformatoren-Elektronik GmbH

  VB9 Datasheet HTML 1Page - BLOCK Transformatoren-Elektronik GmbH VB9 Datasheet HTML 2Page - BLOCK Transformatoren-Elektronik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Safety isolating transformer
VB 2,3/2/9
Type
VB 2,3/2/9
Input
Rated input voltage
230 Vac
Rated frequency
50 - 60 Hz
Output
Rated output voltage
2 x 9 Vac
Rated Power
2.3 VA
No-load voltage (app. x factor)
1.60
No-load loss (typ.)
1.20 W
Efficiency
52.0 %
Standards
Classification
Safety isolating transformer
Approvals
Approvals
cURus, VDE
Environment
Ambient temperature max.
70 °C
Safety and protection
Type
Encapsulated
Insulation class
VDE=B, UL=class 130
Protection index
IP 00
Safety class (prepared)
II
Short circuit strength
inherently short-circuit proof
Order numbers
Order Number
VB 2,3/2/9
Type
VB 2,3/2/9
Terminal and mounting
Terminals
Pins for printed circuit boards
Measures and weights
Pin (ø)
0.8 mm
Core type
EI 30/18.0
Weight
0.11 kg
PRI SEC
29.0
5.0
27.3
20.0
32.3
20.0
5.0
10.0
5.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com