Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33800 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33800
Description  Engine Control Integrated Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33800 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33800 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33800 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33800
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
OCTAL SERIAL DRIVERS (OUT1 - OUT8) (CONTINUED)
Output Off Open Circuit Fault Filter Timer(11)
tOC
400
500
650
µs
Output Slew Rate
RLOAD = 51Ω
RLOAD = 51Ω
tSR(RISE)
tSR(FALL)
1.0
1.0
5.0
5.0
10
10
V/
µs
P1 Input Propagation Delay
Input @ 50% VDD to Output voltage 10% of final value
Input @ 50% VDD to Output voltage 90% of initial value
t(RISEDELAY)
t(FALLDELAY)
6.0
6.0
µs
P3, P5, P7 Input Propagation Delay
Input @ 50% VDD to Output voltage 10% of final value
Input @ 50% VDD to Output voltage 90% of initial value
t(RISEDELAY)
t(FALLDELAY)
5.0
5.0
µs
OSCILLATOR AND TIMER ACCURACY
Calibrated Timer Accuracy(11)
tTIMER
–
–
±10
%
Un-calibrated Timer Accuracy
tTIMER
–
–
±80
%
SPI DIGITAL INTERFACE TIMING (SO, SI, CS, SCLK)(12)
Required Low State Duration on VPWR for Reset
(13)
VPWR ≤ 0.2V
tRESET
1.0
–
–
µs
Falling Edge of CS to Rising Edge of SCLK
Required Setup Time
tLEAD
100
–
–
ns
Falling Edge of SCLK to Rising Edge of CS
Required Setup Time
tLAG
50
–
–
ns
SI to Rising Edge of SCLK
Required Setup Time
tSI(SU)
16
–
–
ns
Rising Edge of SCLK to SI
Required Hold Time
tSI(HOLD)
20
–
–
ns
SI, CS, SCLK Signal Rise Time(14)
tR(SI)
–
5.0
–
ns
SI, CS, SCLK Signal Fall Time(14)
tF(SI)
–
5.0
–
ns
Time from Falling Edge of CS to SO Low-impedance(15)
tSO(EN)
–
–
150
ns
Time from Rising Edge of CS to SO High-impedance(16)
tSO(DIS)
–
–
150
ns
Time from Falling Edge of SCLK to SO Data Valid(17)
tVALID
–
25
150
ns
Sequential Transfer Rate
Time required between data transfers
tSTR
1.0
µs
Notes
11.
Assumes oscillator has been calibrated using SPI Calibrate Command
12.
These parameters are guaranteed by design. Production test equipment uses 1MHz, 5.0V SPI interface.
13.
This parameter is guaranteed by design, however it is not production tested.
14.
Rise and Fall time of incoming SI, CS, and SCLK signals for design consideration to prevent the occurrence of double pulsing.
15.
Time required for valid output status data to be available on SO pin.
16.
Time required for output states data to be terminated at SO pin.
17.
Time required to obtain valid data out from SO following the fall of SCLK with 200pF load.
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 3.0V
≤ V
DD ≤ 5.5V, 9.0V ≤ VPWR ≤ 18V, - 40°C ≤ TA ≤ 125°C, GND = 0V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com