Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC240M Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74AC240M
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC240M Datasheet(HTML) 2 Page - STMicroelectronics

  74AC240M Datasheet HTML 1Page - STMicroelectronics 74AC240M Datasheet HTML 2Page - STMicroelectronics 74AC240M Datasheet HTML 3Page - STMicroelectronics 74AC240M Datasheet HTML 4Page - STMicroelectronics 74AC240M Datasheet HTML 5Page - STMicroelectronics 74AC240M Datasheet HTML 6Page - STMicroelectronics 74AC240M Datasheet HTML 7Page - STMicroelectronics 74AC240M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
TRUTH TABLE
INPUT
OUT PUT
GAn
Yn
LL
H
LH
L
HX
Z
X: ”H” or ”L”
Z: High impedance
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND F UNCTIO N
1
1G
Output Enable Input
2, 4, 6, 8
1A1 to 1A4
Data Inputs
9, 7, 5, 3
2Y1 to 2Y4
Data Outputs
11, 13, 15, 17
2A1 to 2A4
Data Inputs
18, 16, 14, 12
1Y1 to 1Y4
Data Outputs
19
2G
Output Enabel Input
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC +0.5
V
VO
DC Output Voltage
-0.5 to VCC +0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 50
mA
ICC or IGND
DC VCC or Ground Current
± 400
mA
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Un it
VCC
Supply Voltage
2 to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature:
-40 to +85
oC
dt/dv
Input Rise and Fall Time VCC = 3.0, 4.5 or 5.5 V(note 1)
8
ns/V
1) VIN from 30% to 70% of VCC
74AC240
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com