Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7808AC Datasheet(PDF) 1 Page - Silicon Supplies

Part # 7808AC
Description  Linear Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

7808AC Datasheet(HTML) 1 Page - Silicon Supplies

  7808AC Datasheet HTML 1Page - Silicon Supplies 7808AC Datasheet HTML 2Page - Silicon Supplies 7808AC Datasheet HTML 3Page - Silicon Supplies 7808AC Datasheet HTML 4Page - Silicon Supplies 7808AC Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Linear Voltage Regulator – 7808AC
Positive Fixed 8V Voltage Regulator in bare die form
±2% VOUT tolerance at 25°C
Greater than 1A output current capability
Internal thermal overload protection
Internal short-circuit current limit
Output capacitor not essential for stability
Full Military temperature range
Negative voltage complement is 7908AC
Rev 1.0
19/04/19
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Tape & Reel – On request
In Metal or Ceramic package – On request
The 7808AC 8V fixed 3-terminal positive voltage
regulator delivers up to 1.5A of output current with
adequate heat-sinking. The device is equipped with
internal limiting, safe-area compensation + thermal
shutdown features for overload immunity. The
7808AC can be used with external components to
obtain adjustable voltages or currents & can also be
used as the power-pass element in precision high-
current voltage regulators. No external components
are needed other than to enhance performance or
increase design flexibility.
Description
Die Dimensions in µm (mils)
1400 (55)
Die Size (Unsawn)
1400 x1900
55 x 75
µm
mils
Minimum Bond Pad Size
230 x 230
9.05 x 9.05
µm
mils
Die Thickness
280 (±20)
11.02 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
Ti/Ni/Ag 1.2 µm
Replaced by 7808 REV 2


Similar Part No. - 7808AC

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
7808AC SS-7808AC Datasheet
443Kb / 5P
Linear Voltage Regulator
7808AC SS-7808AC Datasheet
2Mb / 5P
Linear Voltage Regulator
Rev 1.1 19/02/24
7808AC SS-7808AC Datasheet
330Kb / 5P
Linear Voltage Regulator
Rev 1.0 19/04/19
7808AC SS-7808AC_V01 Datasheet
2Mb / 5P
Linear Voltage Regulator
Rev 1.1 19/02/24
7808AC SS-7808AC_V02 Datasheet
330Kb / 5P
Linear Voltage Regulator
Rev 1.0 19/04/19
More results

Similar Description - 7808AC

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
Linear Voltage Regulator
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
Linear Voltage Regulator
7808 SS-7808 Datasheet
441Kb / 5P
Linear Voltage Regulator
7809 SS-7809 Datasheet
481Kb / 5P
Linear Voltage Regulator
7812 SS-7812 Datasheet
442Kb / 5P
Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
Linear Voltage Regulator
7815 SS-7815 Datasheet
481Kb / 5P
Linear Voltage Regulator
7905AC SS-7905AC Datasheet
423Kb / 5P
Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com