Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM10502TLX/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LM10502TLX/NOPB
Description  LM10502 Dual Buck LDO Power Management Unit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM10502TLX/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM10502TLX/NOPB Datasheet HTML 16Page - Texas Instruments LM10502TLX/NOPB Datasheet HTML 17Page - Texas Instruments LM10502TLX/NOPB Datasheet HTML 18Page - Texas Instruments LM10502TLX/NOPB Datasheet HTML 19Page - Texas Instruments LM10502TLX/NOPB Datasheet HTML 20Page - Texas Instruments LM10502TLX/NOPB Datasheet HTML 21Page - Texas Instruments LM10502TLX/NOPB Datasheet HTML 22Page - Texas Instruments LM10502TLX/NOPB Datasheet HTML 23Page - Texas Instruments LM10502TLX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LM10502
SNVS884B – AUGUST 2012 – REVISED MAY 2013
www.ti.com
If the load current should increase during PFM mode causing the output voltage to fall below the ‘low2’ PFM
threshold, the part will automatically transition into fixed-frequency PWM mode.
Soft Start
Each of the buck converters has an internal soft-start circuit that limits the in-rush current during startup. This
allows the converters to gradually reach the steady-state operating point, thus reducing startup stresses and
surges. During startup, the switch current limit is increased in steps.
For Buck 1 and 2 the soft start is implemented by increasing the switch current limit in steps that are gradually
set higher. The startup time depends on the output capacitor size, load current and output voltage. Typical
startup time with the recommended output capacitor of 22 µF is 0.2 to 1ms. It is expected that in the final
application the load current condition will be more likely in the lower load current range during the start up.
Current Limiting
A current limit feature protects the device and any external components during overload conditions. In PWM
mode the current limiting is implemented by using an internal comparator that trips at current levels according to
the buck capability. If the output is shorted to ground the device enters a timed current limit mode where the
NFET is turned on for a longer duration until the inductor current falls below a low threshold, ensuring inductor
current has more time to decay, thereby preventing runaway.
Internal Synchronous Rectification
While in PWM mode, the bucks use an internal NFET as a synchronous rectifier to reduce the rectifier forward
voltage drop and the associated power loss. Synchronous rectification provides a significant improvement in
efficiency whenever the output voltage is relatively low compared to the voltage drop across an ordinary rectifier
diode.
Low Dropout Operation
The device can operate at 100% duty cycle (no switching; PMOS switch completely on) for low dropout support.
In this way the output voltage will be controlled down to the lowest possible input voltage. When the device
operates near 100% duty cycle, output voltage ripple is approximately 25 mV.
The minimum input voltage needed to support the output voltage:
VIN_MIN=VOUT+ILOAD*(RDSON_PFET+RIND)
Where,
•
ILOAD = Load Current
•
RDSON_PFET = Drain to source resistance of PFET (high side) .
•
RIND = Inductor resistance
(1)
Out Of Regulation
When any of the Buck outputs are taken out of regulation (below 85% of the output level) the device will start a
shutdown sequence and all other ouputs will switch off normally. The device will restart when the forced out-of-
regulation condition is removed.
20
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM10502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com