Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7810ACT Datasheet(PDF) 22 Page - ON Semiconductor

Part # LM7810ACT
Description  3-Terminal 1 A Positive Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7810ACT Datasheet(HTML) 22 Page - ON Semiconductor

Back Button LM7810ACT Datasheet HTML 18Page - ON Semiconductor LM7810ACT Datasheet HTML 19Page - ON Semiconductor LM7810ACT Datasheet HTML 20Page - ON Semiconductor LM7810ACT Datasheet HTML 21Page - ON Semiconductor LM7810ACT Datasheet HTML 22Page - ON Semiconductor LM7810ACT Datasheet HTML 23Page - ON Semiconductor LM7810ACT Datasheet HTML 24Page - ON Semiconductor LM7810ACT Datasheet HTML 25Page - ON Semiconductor LM7810ACT Datasheet HTML 26Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM78XX / LM78XXA Rev. 1.3.1
21
Typical Applications (Continued)
Figure 15. Tracking Voltage Regulator
Figure 16. Split Power Supply (±15 V - 1 A)
LM78XX
LM741
0.1μF
0.33μF
1
2
3
7
2
6
4
3
4.7k
Ω
4.7k
Ω
TIP42
COMMON
COMMON
VO
-VO
VI
-VIN
_
+
3
1
2
1
3
2
0.33μF
0.1μF
2.2μF
1μF +
+
1N4001
1N4001
+15V
-15V
+20V
-20V
LM7815
MC7915



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com