Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7815ACT Datasheet(PDF) 12 Page - ON Semiconductor

Part # LM7815ACT
Description  3-Terminal 1 A Positive Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7815ACT Datasheet(HTML) 12 Page - ON Semiconductor

Back Button LM7815ACT Datasheet HTML 8Page - ON Semiconductor LM7815ACT Datasheet HTML 9Page - ON Semiconductor LM7815ACT Datasheet HTML 10Page - ON Semiconductor LM7815ACT Datasheet HTML 11Page - ON Semiconductor LM7815ACT Datasheet HTML 12Page - ON Semiconductor LM7815ACT Datasheet HTML 13Page - ON Semiconductor LM7815ACT Datasheet HTML 14Page - ON Semiconductor LM7815ACT Datasheet HTML 15Page - ON Semiconductor LM7815ACT Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
LM78XX / LM78XXA Rev. 1.3.1
11
Electrical Characteristics (LM7824)
Refer to the test circuit, -40°C < TJ < 125°C, IO = 500 mA, VI = 33 V, CI = 0.33 μF, CO = 0.1 μF, unless otherwise spec-
ified.
Notes:
18. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
19. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = +25°C
23.00
24.00
25.00
V
IO = 5 mA to 1 A, PO ≤ 15 W,
VI = 27 V to 38 V
22.80
24.00
25.25
Regline
Line Regulation(18)
TJ = +25°C
VI = 27 V to 38 V
17
480
mV
VI = 30 V to 36 V
6
240
Regload
Load Regulation(18)
TJ = +25°C
IO = 5 mA to 1.5 A
15
480
mV
IO = 250 mA to 750 mA
5
240
IQ
Quiescent Current
TJ = +25°C5.2
8.0
mA
ΔIQ
Quiescent Current
Change
IO = 5 mA to 1 A
0.1
0.5
mA
VI = 27 V to 38 V
0.5
1.0
ΔVO/ΔT
Output Voltage Drift(19)
IO = 5 mA
-1.5
mV/
°C
VN
Output Noise Voltage
f = 10 Hz to 100 kHz, TA = +25°C120
μV
RR
Ripple Rejection(19)
f = 120 Hz, VI = 28 V to 38 V
50
67
dB
VDROP
Dropout Voltage
IO = 1 A, TJ = +25°C2
V
RO
Output Resistance(19)
f = 1 kHz
28
m
Ω
ISC
Short-Circuit Current
VI = 35 V, TJ = +25°C230
mA
IPK
Peak Current(19)
TJ = +25°C2.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com