Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25115MT/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM25115MT/NOPB
Description  LM25115 Secondary Side Post Regulator Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM25115MT/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM25115MT/NOPB Datasheet HTML 1Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 2Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 3Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 4Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 5Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 6Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 7Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 8Page - Texas Instruments LM25115MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM25115
SNVS418A – NOVEMBER 2005 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VBIAS to GND
–0.3V to 32V
VCC to GND
–0.3V to 9V
HS to GND
–1V to 45V
VOUT, CS to GND
– 0.3V to 15V
All other inputs to GND
−0.3V to 7.0V
Storage Temperature Range
–55°C to +150°C
Junction Temperature
+150°C
ESD Rating
HBM (3)
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
OPERATING RATINGS
VBIAS supply voltage
5V to 30V
VCC supply voltage
5V to 7.5V
HS voltage
0V to 42V
HB voltage
VCC + HS
Operating Junction Temperature
–40°C to +125°C
TYPICAL OPERATING CONDITIONS
Parameter
Min
Typ
Max
Units
Supply Voltage, VBIAS
4.5
30
V
Supply Voltage, VCC
4.5
7
V
Supply voltage bypass, CVBIAS
0.1
1
µF
Reference bypass capacitor, CVCC
0.1
1
10
µF
HB-HS bootstrap capacitor
0.047
µF
SYNC Current Range (VCC = 4.5V)
50
150
µA
RAMP Saw Tooth Amplitude
1
1.75
V
VOUT regulation voltage (VBIAS min = 3V + VOUT)
0.75
13.5
V
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TJ = –40°C to +125°C, VBIAS = 12V, No Load on LO or HO.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VBIAS SUPPLY
Ibias
VBIAS Supply Current
FSYNC = 200kHz
4
mA
VCC LOW DROPOUT BIAS REGULATOR
VccReg
VCC Regulation
VCC open circuit. Outputs not switching
6.65
7
7.15
V
VCC Current Limit
((1))
40
mA
VCC Under-voltage Lockout Voltage
Positive going VCC
4
4.5
V
VCC Under-voltage Hysteresis
0.2
0.25
0.3
V
(1)
Device thermal limitations may limit usable range.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM25115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com