Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM25115AMT/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM25115AMT/NOPB
Description  LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM25115AMT/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM25115AMT/NOPB Datasheet HTML 13Page - Texas Instruments LM25115AMT/NOPB Datasheet HTML 14Page - Texas Instruments LM25115AMT/NOPB Datasheet HTML 15Page - Texas Instruments LM25115AMT/NOPB Datasheet HTML 16Page - Texas Instruments LM25115AMT/NOPB Datasheet HTML 17Page - Texas Instruments LM25115AMT/NOPB Datasheet HTML 18Page - Texas Instruments LM25115AMT/NOPB Datasheet HTML 19Page - Texas Instruments LM25115AMT/NOPB Datasheet HTML 20Page - Texas Instruments LM25115AMT/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LM25115A
www.ti.com
SNVS501B – FEBRUARY 2007 – REVISED APRIL 2013
Current Limiting (CS, CO and VOUT)
Current limiting is implemented through the current sense amplifier as illustrated in Figure 21. The current sense
amplifier monitors the inductor current that flows through a sense resistor connected between CS and VOUT.
The voltage gain of the current sense amplifier is nominally equal to 16. The output of current sense signal is
shifted by 1.27V to produce the internal CV reference signal. The CV signal drives two current limit amplifiers.
Both of the current limit amplifiers have open drain (sink only) output stages which are connected to the CO pin.
The CO pin is typically connected to the COMP pin through a diode (the cathode is connected to the CO pin and
the anode is connected to the COMP pin). The slow current limit amplifier has a nominal transconductance of 5
mA/V and provides constant current mode operation at the desired current limit set point. The fast current limit
amplifier has nominal current pull-down capability of 100mA and provides protection against fast over-current
conditions. During normal operation, the voltage error amplifier controls the COMP pin voltage which adjusts the
PWM duty cycle by varying the internal CRMIX level. However when the current sense input voltage, VCL,
exceeds 45mV, the slow current limit amplifier gradually pulls down on COMP through the CO pin. Pulling COMP
low reduces the CRMIX signal and thereby reducing the operating duty cycle. By controlling the operating duty
cycle, the slow current limit amplifier will force a constant current mode of operation at the desired current limit
set point (Figure 23). A resistor in series with a capacitor are connected from the CO Pin to ground to provide
adequate control loop compensation for the slow current limit (Figure 21). The desired current limit set point,
ILimit, can be programmed by selecting the proper current sense resistor, RSENSE,using the following equation:
RSENSE = 0.045 V/ ILimit
In the event that the current sense input voltage, VCL, exceeds 60mV, the fast current limit amplifier will pull down
hard on COMP through the CO pin. This will reduce the CRMIX signal to a voltage below the CV signal level.
Therefore, the PWM comparator will inhibit output pulses. Once the fault condition is removed, the fast current
limit amplifier will release COMP. Therefore, the CRMIX signal will increase to a normal operating threshold and
the switching will resume (Figure 24). A current limit fold-back feature is provided by the LM25115A to reduce the
peak output current delivered to a shorted load. When the common mode input voltage to the current sense
amplifier (CS and VOUT pins) falls below 2V, the current limit threshold is reduced from the normal level. At
common mode voltages > 2V, the current limit threshold is nominally 45mV. When VOUT is reduced to 0 V the
current limit threshold drops to 39mV to reduce stress on the inductor and power MOSFETs.
Vphase=10V
CH1 = CO, 5V/Div
CH2 = COMP, 5/Div
CH3 = Iout, 5A/Div
CH4 = SSPR Switch Signal, 5V/Div
Horizontal Resolution= 2 µs/Div
Figure 23. SSPR Steady State Current Limit (Output Shorted)
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM25115A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com