Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3532TMX-40A/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LM3532TMX-40A/NOPB
Description  LM3532 High-Efficiency White LED Driver With Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3532TMX-40A/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3532TMX-40A/NOPB Datasheet HTML 19Page - Texas Instruments LM3532TMX-40A/NOPB Datasheet HTML 20Page - Texas Instruments LM3532TMX-40A/NOPB Datasheet HTML 21Page - Texas Instruments LM3532TMX-40A/NOPB Datasheet HTML 22Page - Texas Instruments LM3532TMX-40A/NOPB Datasheet HTML 23Page - Texas Instruments LM3532TMX-40A/NOPB Datasheet HTML 24Page - Texas Instruments LM3532TMX-40A/NOPB Datasheet HTML 25Page - Texas Instruments LM3532TMX-40A/NOPB Datasheet HTML 26Page - Texas Instruments LM3532TMX-40A/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
0
Bit 7
1
Bit 6
1
Bit 5
1
Bit 4
R/W
Bit 0
0
Bit 1
I2C Compatible Address
MSB
LSB
0
Bit 3
0
Bit 2
t4
t2
t3
t5
t1
SCL
SDIO
Data In
SDIO
Data Out
LM3532
www.ti.com
SNVS653E – JULY 2011 – REVISED AUGUST 2015
7.5 Programming
7.5.1 I2C-Compatible Interface
7.5.1.1 Start and Stop Conditions
The LM3532 is controlled via an I2C-compatible interface. START and STOP conditions classify the beginning
and the end of the I2C session. A START condition is defined as SDA transitioning from HIGH-to-LOW while SCL
is HIGH. A STOP condition is defined as SDA transitioning from LOW-to-HIGH while SCL is HIGH. The I2C
master always generates the START and STOP conditions. The I2C bus is considered busy after a START
condition and free after a STOP condition. During data transmission, the I2C master can generate repeated
START conditions. A START and a repeated START conditions are equivalent function-wise. The data on SDA
must be stable during the HIGH period of the clock signal (SCL). In other words, the state of SDA can only be
changed when SCL is LOW.
Figure 21. Start And Stop Sequences
7.5.1.2 I2C-Compatible Address
The 7-bit chip address for the LM3532 is (0x38) . After the START condition, the I2C master sends the 7-bit chip
address followed by an eighth bit (LSB) read or write (R/W). R/W = 0 indicates a WRITE and R/W = 1 indicates a
READ. The second byte following the chip address selects the register address to which the data is written. The
third byte contains the data for the selected register.
Figure 22. I2C-Compatible Chip Address (0x38)
7.5.1.3 Transferring Data
Every byte on the SDA line must be eight bits long, with the most significant bit (MSB) transferred first. Each byte
of data must be followed by an acknowledge bit (ACK). The acknowledge related clock pulse (9th clock pulse) is
generated by the master. The master then releases SDA (HIGH) during the 9th clock pulse. The LM3532 pulls
down SDA during the 9th clock pulse, signifying an acknowledge. An acknowledge is generated after each byte
has been received.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM3532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com