Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3553SDX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3553SDX/NOPB
Description  LM3553 1.2A Dual Flash LED Driver System with I2C Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3553SDX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM3553SDX/NOPB Datasheet HTML 1Page - Texas Instruments LM3553SDX/NOPB Datasheet HTML 2Page - Texas Instruments LM3553SDX/NOPB Datasheet HTML 3Page - Texas Instruments LM3553SDX/NOPB Datasheet HTML 4Page - Texas Instruments LM3553SDX/NOPB Datasheet HTML 5Page - Texas Instruments LM3553SDX/NOPB Datasheet HTML 6Page - Texas Instruments LM3553SDX/NOPB Datasheet HTML 7Page - Texas Instruments LM3553SDX/NOPB Datasheet HTML 8Page - Texas Instruments LM3553SDX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM3553
www.ti.com
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
Operating Ratings
(1) (2)
Input Voltage Range
2.7V to 5.5V
Junction Temperature (TJ) Range
-30°C to +125°C
Ambient Temperature (TA) Range
(3)
-30°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply performance limits. For performance limits and associated test
conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125ºC), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
Thermal Properties
Junction-to-Ambient Thermal Resistance (
θJA), DQB0012A Package
(1)
36.7°C/W
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com