Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48821 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM48821
Description  LM48821 Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48821 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM48821 Datasheet HTML 4Page - Texas Instruments LM48821 Datasheet HTML 5Page - Texas Instruments LM48821 Datasheet HTML 6Page - Texas Instruments LM48821 Datasheet HTML 7Page - Texas Instruments LM48821 Datasheet HTML 8Page - Texas Instruments LM48821 Datasheet HTML 9Page - Texas Instruments LM48821 Datasheet HTML 10Page - Texas Instruments LM48821 Datasheet HTML 11Page - Texas Instruments LM48821 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
0.001
1
0.01
0.1
20
20k
100 200
1k 2k
10k
FREQUENCY (Hz)
0.001
1
0.01
0.1
20
20k
100 200
1k 2k
10k
FREQUENCY (Hz)
0.001
1
0.01
0.1
20
20k
100 200
1k 2k
10k
FREQUENCY (Hz)
0.001
1
0.01
0.1
20
20k
100 200
1k 2k
10k
FREQUENCY (Hz)
0.001
1
0.01
0.1
20
20k
100 200
1k 2k
10k
FREQUENCY (Hz)
0.001
1
0.01
0.1
20
20k
100 200
1k 2k
10k
FREQUENCY (Hz)
LM48821, LM48821TLEVAL
SNAS354A – JUNE 2007 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
THD+N vs Frequency
THD+N vs Frequency
VDD = 3V, PO = 40mW,
VDD = 3V, PO = 60mW,
RL = 32Ω, Stereo
RL = 32Ω, Mono Left
Figure 15.
Figure 16.
THD+N vs Frequency
THD+N vs Frequency
VDD = 3V, PO = 60mW,
VDD = 4V, PO = 90mW,
RL = 32Ω, Mono Right
RL = 32Ω, Stereo
Figure 17.
Figure 18.
THD+N vs Frequency
THD+N vs Frequency
VDD = 4V, PO = 120mW,
VDD = 4V, PO = 120mW,
RL = 32Ω, Mono Left
RL = 32Ω, Mono Right
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM48821 LM48821TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com