Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48821TLEVAL Datasheet(PDF) 1 Page - Texas Instruments

Part # LM48821TLEVAL
Description  LM48821 Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48821TLEVAL Datasheet(HTML) 1 Page - Texas Instruments

  LM48821TLEVAL Datasheet HTML 1Page - Texas Instruments LM48821TLEVAL Datasheet HTML 2Page - Texas Instruments LM48821TLEVAL Datasheet HTML 3Page - Texas Instruments LM48821TLEVAL Datasheet HTML 4Page - Texas Instruments LM48821TLEVAL Datasheet HTML 5Page - Texas Instruments LM48821TLEVAL Datasheet HTML 6Page - Texas Instruments LM48821TLEVAL Datasheet HTML 7Page - Texas Instruments LM48821TLEVAL Datasheet HTML 8Page - Texas Instruments LM48821TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM48821, LM48821TLEVAL
www.ti.com
SNAS354A – JUNE 2007 – REVISED MAY 2013
LM48821
Direct Coupled, Ultra Low Noise, 52mW
Differential Input Stereo Headphone Amplifier with I2C Volume Control
Check for Samples: LM48821, LM48821TLEVAL
1
FEATURES
DESCRIPTION
With
its
directly-coupled
output
technology,
the
2
•
Ground Referenced Outputs
LM48821 is a variable gain audio power amplifier
•
Differential Inputs
capable of delivering 52mWRMS per channel into a
•
I2C Volume and Mode Controls
16
Ω single-ended load with less than 1% THD+N
from a 3V power supply. The I2C volume control has
•
Available in Space-Saving DSBGA Package
a range of –76dB to 18dB.
•
Ultra Low Current Shutdown Mode
The
LM48821's
Tru-GND
technology
utilizes
•
Advanced Output Transient Suppression
advanced charge pump technology to generate the
Circuitry Eliminates Noises During Turn-On
LM48821’s negative supply voltage. This eliminates
and Turn-Off Transitions
the need for output-coupling capacitors typically used
•
2.0V to 4.0V Operation (PVDD and SVDD)
with single-ended loads.
•
1.8 to 4.0V Operation (I2CVDD)
Boomer
audio
power
amplifiers
were
designed
•
No Output Coupling Capacitors, Snubber
specifically to provide high quality output power with a
Networks, Bootstrap Capacitors, or Gain-
minimal
amount
of
external
components.
The
Setting Resistors Required
LM48821 does not require output coupling capacitors
or bootstrap capacitors, and therefore, is ideally
suited for mobile phone and other low voltage
APPLICATIONS
applications where minimal power consumption is a
•
Notebook PCs
primary requirement.
•
Desktop PCs
The LM48821 incorporates selectable low-power
•
Mobile Phones
consumption shutdown and channel select modes.
•
PDAs
The LM48821 contains advanced output transient
•
Portable Electronic Devices
suppression circuitry that eliminates noises which
would otherwise occur during turn-on and turn-off
•
MP3 Players
transitions.
KEY SPECIFICATIONS
•
Improved PSRR at 217Hz: 82dB (typ)
•
Stereo Output Power at VDD = 3V, RL = 16
Ω,
THD+N = 1%: 52mW (typ)
•
Mono Output Power at VDD = 3V, RL = 16
Ω,
THD+N = 1%: 93mW (typ)
•
Shutdown current: 0.1
μA (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM48821TLEVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48821TLEVAL TI1-LM48821TLEVAL Datasheet
1Mb / 24P
Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
LM48821TLEVAL TI1-LM48821TLEVAL Datasheet
1Mb / 24P
Direct Coupled, Ultra Low Noise
More results

Similar Description - LM48821TLEVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4982 NSC-LM4982 Datasheet
1Mb / 21P
Ground-Referenced, Ultra Low Noise, 80mW Stereo Headphone Amplifier with IntelliSense and I2C Volume
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
National Semiconductor ...
LM48821 NSC-LM48821 Datasheet
618Kb / 22P
Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
LM48821 TI1-LM48821_14 Datasheet
1Mb / 24P
Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com