Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5115AMTX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5115AMTX/NOPB
Description  LM5115A Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down Tracking
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5115AMTX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5115AMTX/NOPB Datasheet HTML 9Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 10Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 11Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 12Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 13Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 14Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 15Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 16Page - Texas Instruments LM5115AMTX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
VOUT1
VOUT2
3.3V
2.5V
2.5V
RT1 =
0.8 x RT2
VOUT2 - 0.8
VOUT1
VOUT2
3.3V
2.5V
LM5115A
www.ti.com
SNVS467B – DECEMBER 2006 – REVISED MARCH 2013
Figure 15.
Vphase = 10V
CH1 = Master output, 1V/Div
CH2 = COMP, 5/Div
CH3 = Iout, 1A/Div
CH4 = SSPR Output (Slave), 1V/Div
Horizontal Resolution= 200 µs/Div
Figure 16. Tracking with Equal Soft Start Time
Alternatively, the tracking feature can be used to create equal slew rates between the output voltages of the
master supply and the LM5115A. This method ensures that the output voltage of the LM5115A always reaches
regulation before the output voltage of the master supply. In this case, the tracking resistors can be determined
based on the following equation:
Again, a value of 10k
Ω 1% is recommended for RT2. For the case of VOUT1 = 3.3V and VOUT2 = 2.5V, RT1
should be 4.32 k
Ω 1%. The timing diagram and the waveforms for equal slew rates configuration are shown in
Figure 17 and Figure 18.
Figure 17. Tracking with Equal Slew Rate
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5115A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com