Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8262MMX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM8262MMX/NOPB
Description  LM8262 Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8262MMX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM8262MMX/NOPB Datasheet HTML 1Page - Texas Instruments LM8262MMX/NOPB Datasheet HTML 2Page - Texas Instruments LM8262MMX/NOPB Datasheet HTML 3Page - Texas Instruments LM8262MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM8262MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM8262MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM8262MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM8262MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM8262MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM8262
SNOS975G – MAY 2001 – REVISED AUGUST 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
(3)
MIN
MAX
UNIT
VIN Differential
+/
−10
V
Output Short Circuit Duration
See (4) (5)
Supply Voltage (V+ - V−)
24
V
Voltage at Input/Output pins
V+ +0.8, V−
−0.8
V
Junction Temperature (6)
+150
°C
Storage temperature range, Tstg
−65
+150
°C
Soldering Information:
Infrared or Convection (20 sec.)
235
°C
Wave Soldering (10 sec.)
260
°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Rating indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(5)
Output short circuit duration is infinite for VS ≤ 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5ms.
(6)
The maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) - TA)/RθJA. All numbers apply for packages soldered directly onto a PC board.
6.2 ESD Ratings
VALUE
UNIT
Human Body Model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(2)
±2000
V(ESD)
Electrostatic discharge(1)
V
Machine Model (MM)(3)
±200
(1)
Human Body Model, 1.5 k
Ω in series with 100 pF. Machine Model, 0 Ω is series with 200 pF.
(2)
JEDEC document JEP155 states that 2000-V HBM allows safe manufacturing with a standard ESD control process.
(3)
JEDEC document JEP157 states that 200-V MM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply Voltage (V+ - V−)
2.5
22
V
Operating Temperature Range(1)
−40
+85
°C
(1)
The maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) - TA)/RθJA. All numbers apply for packages soldered directly onto a PC board.
6.4 Thermal Information
DGK
THERMAL METRIC(1)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance(2)
235
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The maximum power dissipation is a function of TJ(max),RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) - TA)/RθJA. All numbers apply for packages soldered directly onto a PC board.
4
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LM8262



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com