Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2M Datasheet(PDF) 1 Page - MEI SEMI INC.

Part # MB2M
Description  Single Phase Glass Passivated Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEI [MEI SEMI INC.]
Direct Link  https://www.meisemi.com/
Logo MEI - MEI SEMI INC.

MB2M Datasheet(HTML) 1 Page - MEI SEMI INC.

  MB2M Datasheet HTML 1Page - MEI SEMI INC. MB2M Datasheet HTML 2Page - MEI SEMI INC. MB2M Datasheet HTML 3Page - MEI SEMI INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 0 2010-07-15
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIEFIER
MB2M ~ MB10M
www.meisemi.com
Page 1 of 3
Single Phase Glass Passivated Bridge Rectifier
Features
 UL recognized under File #E197450
 Glass passivated chip junction
 High forward surge current capability
 High temperature soldering guaranteed:
260℃/10 seconds
 RoHS and REACH Compliance
Mechanical Data
Case:
Transfer molded plastic
Polarity
Polarity symbols marked on case
Terminals:
Plated Leads solderable per MIL-STD-750 method 2026
Mounting torque
/
Mounting position:
Any
Weight:
0.0078 ounce, 0.22 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
MB2M
MB4M
MB6M
MB8M
MB10M
Unit
Conditions
VRRM
Max Recurrent Peak Reverse Voltage
200
400
600
800
1000
V
VRMS
Max RMS Voltage
140
280
420
560
700
V
VDC
Max DC Blocking Voltage
200
400
600
800
1000
V
I(AV)
Max Average Forward Rectified Current
0.5/0.8
A
@TA=30℃
On Glass-epoxy PCB (note1)
On Aluminum substrate
(Note2)
IFSM
Peak Forward Surge Current
30
A
8.3ms single half sine-wave
(JEDEC method)
TJ,TSTG
Operating and Storage Temperature Range
-55 to +150
℃
I2t
Rating for Fusing
5
A2s
T<8.3mS
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
MB2M
MB4M
MB6M
MB8M
MB10M
Unit
Conditions
VF
Max Instantaneous
Forward Voltage
1.00
V
Drop per Bridge
element 0.4A
IR
Max DC Reverse Current
at Rated DC Blocking
Voltage
5.0
μA
TA=25℃
100
Tc=125℃
Rθ-Ja
Typical Thermal
Resistance
85
℃/W
Note 1
CJ
Typical Junction
capacitance per leg
13
pF
Measured at
1.0MHz/4.0V
Note:
1. On glass epoxy PCB mounted on 0.05” x 0.05” (1.3mm x 1.3mm) copper pads
2. Ohn aluminum substrage PCB with an area of 0.8” x 0.8” x 0.25” (20mm x 20mm x 6.4mm) mounted on 0.05” x 0.05” (1.3mm x
1.3mm) solder pad


Similar Part No. - MB2M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MB2M GE-MB2M Datasheet
37Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB2M MCC-MB2M Datasheet
101Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Yangzhou yangjie electr...
MB2M YANGJIE-MB2M Datasheet
221Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Revers Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
TAITRON Components Inco...
MB2M TAITRON-MB2M Datasheet
144Kb / 4P
0.5A Glass Passivated Bridge Rectifier
logo
GOOD-ARK Electronics
MB2M GOOD-ARK-MB2M Datasheet
139Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
More results

Similar Description - MB2M

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com