Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMF80R650PTH Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MMF80R650PTH
Description  800V 0.65Ω N-channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMF80R650PTH Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MMF80R650PTH Datasheet HTML 1Page - MagnaChip Semiconductor. MMF80R650PTH Datasheet HTML 2Page - MagnaChip Semiconductor. MMF80R650PTH Datasheet HTML 3Page - MagnaChip Semiconductor. MMF80R650PTH Datasheet HTML 4Page - MagnaChip Semiconductor. MMF80R650PTH Datasheet HTML 5Page - MagnaChip Semiconductor. MMF80R650PTH Datasheet HTML 6Page - MagnaChip Semiconductor. MMF80R650PTH Datasheet HTML 7Page - MagnaChip Semiconductor. MMF80R650PTH Datasheet HTML 8Page - MagnaChip Semiconductor. MMF80R650PTH Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMF80R650P Datasheet
Jul. 2021. Revision 1.2
Magnachip Semiconductor Ltd.
2
Parameter
Symbol
Rating
Unit
Note
Drain – Source voltage
VDSS
800
V
Gate – Source voltage
VGSS
±
30
V
Continuous drain current(2)
ID
8
A
TC=25oC
5.05
A
TC=100oC
Pulsed drain current(3)
IDM
24
A
Power dissipation
PD
32
W
Single - pulse avalanche energy
EAS
340
mJ
MOSFET dv/dt ruggedness
dv/dt
50
V/ns
Diode dv/dt ruggedness(5)
dv/dt
15
V/ns
Storage temperature
Tstg
-
55 ~150
oC
Maximum operating junction
temperature
Tj
150
oC
1)
ID limited by maximum junction temperature.
2)
Pulse width tP limited by Tj,max
3)
DC input voltage from all three leads to external heat sink
4)
ISD ≤ ID, VDS peak ≤ V(BR)DSS
Parameter
Symbol
Value
Unit
Thermal resistance, junction-case max
Rthjc
3.9
oC/W
Thermal resistance, junction-ambient max
Rthja
62.5
oC/W
Thermal Characteristics
Absolute Maximum Rating (Tc=25 oC unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com