Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W800AT Datasheet(PDF) 39 Page - STMicroelectronics

Part # M29W800AT
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AT Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M29W800AT_04 Datasheet HTML 32Page - STMicroelectronics M29W800AT_04 Datasheet HTML 33Page - STMicroelectronics M29W800AT_04 Datasheet HTML 34Page - STMicroelectronics M29W800AT_04 Datasheet HTML 35Page - STMicroelectronics M29W800AT_04 Datasheet HTML 36Page - STMicroelectronics M29W800AT_04 Datasheet HTML 37Page - STMicroelectronics M29W800AT_04 Datasheet HTML 38Page - STMicroelectronics M29W800AT_04 Datasheet HTML 39Page - STMicroelectronics M29W800AT_04 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
39/40
M29W800AT, M29W800AB
REVISION HISTORY
Table 29. Revision History
Date
Version
Description
November 1998
-01
First issue
February 1999
-02
Removed TSOP48 Package Reverse Pinout
March 1999
-03
Program, Erase Times and Erase Endurance Cycles change
02/09/00
-04
New document template
Document type: from Preliminary Data to Data Sheet
Program, Erase Times and Endurance Cycles change (Table 22)
TFBGA Package Mechanical Data change
TFBGA Package Outline drawing change
03/06/00
-05
Program Erase Times change (Table 22)
6/21/01
-06
TFBGA48 package mechanical ouline and data changed
Daisy Chain commercial code defined (Table 28)
TFBGA48 Daisy Chain diagrams, Package and PCB Connections added (Figure 20
and 21)
24-Jan-2002
-07
-90 version changed to Vcc=2.7 to 3.6V; -120 version changed to CL=100pF
09-Mar-2004
8.0
INSTRUCTIONS AND COMMANDS section: description of Block Erase (BE) and
Erase Suspend (ES) instructions updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com