Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS78M05ACPRO Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS78M05ACPRO
Description  3-Terminal 500mA Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78M05ACPRO Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS78M05ACPRO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78M05ACPRO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78M05ACPRO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78M05ACPRO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78M05ACPRO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78M05ACPRO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78M05ACPRO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78M05ACPRO Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78M05ACPRO Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TS78M00A Series
3-Terminal 500mA Positive Voltage Regulator
2/10
Version: A07
TS78M05A Electrical Characteristics
(Vin=10V, Iout=350mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
4.90
5
5.10
Output voltage
Vout
7.5V≤Vin≤20V,
5mA≤Iout≤350mA
4.80
5
5.20
V
7.5V≤Vin≤25V
--
3
100
Line Regulation
REGline
Tj=25
oC
8V≤Vin≤12V
--
1
50
5mA≤Iout≤500mA
--
15
100
Load Regulation
REGload
Tj=25
oC
5mA≤Iout≤200mA
--
5
50
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
3
6
7.5V≤Vin≤25V
--
--
0.8
Quiescent Current Change
ΔIq
5mA≤Iout≤350mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
40
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 8V≤Vin≤18V
62
78
--
dB
Voltage Drop
Vdrop
Iout=500mA, Tj=25
oC
--
2
--
V
Output Resistance
Rout
f=1KHz
--
17
--
mΩ
Output Short Circuit Current
Ios
Tj=25
oC
--
50
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout= 5mA, 0
oC≤Tj≤125oC
--
-0.2
--
mV/
oC
TS78M06A Electrical Characteristics
(Vin=11V, Iout=350mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
5.88
6
6.12
Output Voltage
Vout
8.5V≤Vin≤21V,
5mA≤Iout≤350mA
5.76
6
6.24
V
8.5V≤Vin≤25V
--
5
120
Line Regulation
REGline
Tj=25
oC
9V≤Vin≤13V
--
1.5
60
5mA≤Iout≤500mA
--
14
120
Load Regulation
REGload
Tj=25
oC
5mA≤Iout≤200mA
--
4
60
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
3
6
8.5V≤Vin≤25V
--
--
0.8
Quiescent Current Change
ΔIq
5mA≤Iout≤350mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
45
--
uV
Ripple Rejection Ratio
RR
F=120Hz, 9V≤Vin≤19V
59
80
--
dB
Voltage Drop
Vdrop
Iout=500mA, Tj=25
oC
--
2
--
V
Output Resistance
Rout
F=1KHz
--
19
--
mΩ
Output Short Circuit Current
Ios
Tj=25
oC
--
50
--
mA
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout= 5mA, 0
oC≤Tj≤125oC
--
-0.2
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com