Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FREE-SPACE-ISOLATOR Datasheet(PDF) 2 Page - Coherent Corp

Part # FREE-SPACE-ISOLATOR
Description  Optical Communications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

FREE-SPACE-ISOLATOR Datasheet(HTML) 2 Page - Coherent Corp

  FREE-SPACE-ISOLATOR Datasheet HTML 1Page - Coherent Corp FREE-SPACE-ISOLATOR Datasheet HTML 2Page - Coherent Corp FREE-SPACE-ISOLATOR Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
FREE SPACE ISOLATOR
Specifications
Parameter
Unit
Single Stage
Dual Stage
Operating Central Wavelength (°C)
nm
1310, 1550 or customized
Wavelength Range
nm
CL ±20 or customized
Isolation
Min.
dB
20
40
Insertion Loss
Max.
dB
0.4
0.60
Size
mm
0.45 x 0.45 or customized
Operating Temperature
°C
-5 ~ 75
Storage Temperature
°C
-40 ~ 85
Note
1. This is typical Specification. The size, wavelength, operating temperature and other configurations can be customized. Refer to Ordering Information.
2. Isolation and Insertion loss are specified over operating temperature and wavelength range, will varies with operating range.
INPUT POLARIZATION
OUTPUT POLARIZATION
L±0.02
Laser dot
INPUT
45°
Input Polarization
T±0.1
B±1.5°



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com