Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS324 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS324
Description  Low Power Quad Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS324 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS324 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS324 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS324 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS324 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS324 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS324 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS324 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS324 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS324/TS2902
Low Power Quad Operational Amplifiers
2/8
Version: A07
Electrical Characteristics
(Vcc = 5V, Ta=25
oC; unless otherwise specified.)
TS324
TS2902
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VCC= 5.0V to 30V, VIC= 0V to Vcc -1.7 V,
Vo= 1.4V, RS= 0Ω
TLOW ≤ Ta ≤THIGH
Vio
--
--
2.0
--
7.0
9.0
--
--
2.0
--
7.0
10
mV
Average Temperature Coefficient of Input
Offset Voltage
ΔIio/ΔT
--
7.0
--
--
7.0
--
uV/
oC
Input Offset Current
TLOW ≤ Ta ≤THIGH
Iio
--
--
5.0
--
50
150
--
--
5.0
--
50
200
nA
Average Temperature Coefficient of input
Offset Current
ΔIio/ΔT
--
10
--
--
10
--
pA/
oC
Input Bias Current
TLOW ≤ Ta ≤THIGH
IIB
--
--
-90
--
-250
-500
--
--
-90
--
-250
-500
nA
Input Common-Mode Voltage Range
VCC = 30 V (Note1)
VCC = 30 V, TLOW ≤ Ta ≤THIGH
VICR
0
0
--
--
28.3
28
0
0
--
--
24.3
24
V
Differential Input Voltage Range
VIDR
--
--
VCC
--
--
VCC
V
Large Signal Open-Loop Voltage Gain
RL = 2.0K, VCC =15V, For Large VO Swing,
TLOW ≤ Ta ≤THIGH
AVOL
25
15
100
--
--
--
25
15
100
--
--
--
V/mV
Channel Separation
1.0 KHz to 20KHz
--
--
-120
--
--
-120
--
dB
Common Mode Rejection Ratio
RS ≤ 10 kΩ
CMRR
65
70
--
50
70
--
dB
Power Supply Rejection Ratio
PSRR
65
100
--
50
100
--
dB
Output Voltage -- High Limit
VCC = 30 V, RL = 2 kΩ
VCC = 30 V, RL = 10 kΩ
VOH
26
27
--
28
--
--
22
23
--
24
--
--
V
Output Voltage -- Low Limit
VCC = 5.0 V, RL = 10 kΩ
VOL
--
5.0
20
--
5.0
100
mV
Output Source Current
VID=+1.0V,VCC=15V
IO+
20
40
--
20
40
--
mA
Output Sink Current
VID = -1.0 V, VCC = 15 V
VID = -1.0 V, VO = 200 mV
IO-
10
12
20
50
--
--
10
12
20
50
--
--
mA
uA
Output Short Circuit to Ground (Note 2)
IOS
--
40
60
--
40
60
mA
Power Supply Current
VCC = 30 VVO = 0 V, RL = ∞
VCC = 5.0 V, VO = 0 V, RL = ∞
ICC
--
--
1.5
0.7
3.0
1.2
--
--
1.5
0.7
3.0
1.2
mA
Notes 1: The input common mode voltage or either input signal voltage should not be allowed to go negative by more
than 0.3 V. The upper end of the common mode voltage range is Vcc 17V, but either or both inputs can go to
+32V.
Note 2: Short circuits from the output to Vcc can cause excessive heating and eventual destruction. Destructive
dissipation can recruit from simultaneous shorts on all amplifiers.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com