Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804528 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804528
Description  EMLC (17,5X8)R - Fabric label
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804528 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804528 Datasheet HTML 1Page - PHOENIX CONTACT 0804528 Datasheet HTML 2Page - PHOENIX CONTACT 0804528 Datasheet HTML 3Page - PHOENIX CONTACT 0804528 Datasheet HTML 4Page - PHOENIX CONTACT 0804528 Datasheet HTML 5Page - PHOENIX CONTACT 0804528 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Fabric label, Roll, white, unlabeled, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: adhesive, Number of individual
labels: 2500, text field height: 8 mm, text field width: 17.5 mm
Your advantages
The EMLC label consists of a textile foil with very low restoring forces
•
Enables labels to be stuck over edges and curves
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
Labeling service: Phoenix Contact can custom-label all EMLC ... markers in accordance with your requirements
•
Commercial data
Item number
0804528
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
BG2411
GTIN
4055626405698
Weight per piece (including packing)
158.82 g
Weight per piece (excluding packing)
178 g
Country of origin
CN
EMLC (17,5X8)R - Fabric label
0804528
https://www.phoenixcontact.com/us/products/0804528
Jun 25, 2025, 7:11AM
Page 1 (6)


Similar Part No. - 0804528

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804520 PHOENIX-0804520 Datasheet
189Kb / 6P
WMS-2 HF 4,8 (EX9)R YE - Shrink sleeve
0804521 PHOENIX-0804521 Datasheet
186Kb / 5P
WMS-2 HF 12,7 (EX20)R YE - Shrink sleeve
0804522 PHOENIX-0804522 Datasheet
176Kb / 4P
EO-SI-FRAME - Adapter plate
0804524 PHOENIX-0804524 Datasheet
188Kb / 6P
WMS-2 HF 9,5 (EX16)R - Shrink sleeve
0804525 PHOENIX-0804525 Datasheet
189Kb / 6P
WMS-2 HF 9,5 (EX16)R BU - Shrink sleeve
More results

Similar Description - 0804528

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803137 PHOENIX-0803137 Datasheet
51Kb / 3P
Label - EML (105X23)R
0830485 PHOENIX-0830485 Datasheet
54Kb / 4P
Label - EML (75X10)R
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0803836 PHOENIX-0803836 Datasheet
52Kb / 2P
Label - US-EMLF (17,5X8) YE
0805470 PHOENIX-0805470 Datasheet
47Kb / 3P
Fabric label sheet - BMK 20X 8 WH
0815596 PHOENIX-0815596 Datasheet
47Kb / 3P
Label - EML (110XE)R
0815680 PHOENIX-0815680 Datasheet
46Kb / 3P
Fabric label - EMLC (20X8)R
0815800 PHOENIX-0815800 Datasheet
46Kb / 3P
Fabric label - EMLC (20X8)RL YE
0830481 PHOENIX-0830481 Datasheet
49Kb / 3P
Label - EML (40X6)R
0830483 PHOENIX-0830483 Datasheet
49Kb / 3P
Label - EML (50X10)R
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com