Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804545 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804545
Description  EMT (EX40)R - Insert label
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804545 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804545 Datasheet HTML 1Page - PHOENIX CONTACT 0804545 Datasheet HTML 2Page - PHOENIX CONTACT 0804545 Datasheet HTML 3Page - PHOENIX CONTACT 0804545 Datasheet HTML 4Page - PHOENIX CONTACT 0804545 Datasheet HTML 5Page - PHOENIX CONTACT 0804545 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Insert label, for marking Siemens SIVACON label holder system, Roll, white, unlabeled, can be
labeled with: THERMOMARK E.300 (D)/600 (D), THERMOMARK ROLL 2.0, THERMOMARK
ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK
X1.2, mounting type: insert, Number of individual labels: 1, text field height: 40 mm, text field
width: 30000 mm
Your advantages
EMT (Ex40)R, white insert label, for marking Siemens SIVACON label holder system
•
Thanks to their special shape, the EMT (Ex40)R insert labels remain securely inside the collar of the Siemens label holder system once inserted
•
Quick and inexpensive marking with THERMOMARK ... roll printers from Phoenix Contact
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
Marking service: Phoenix Contact can custom-mark all EMT ... markers according to your requirements
•
Commercial data
Item number
0804545
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
BG2411
GTIN
4055626408002
Weight per piece (including packing)
438.2 g
Weight per piece (excluding packing)
438.2 g
Country of origin
DE
EMT (EX40)R - Insert label
0804545
https://www.phoenixcontact.com/us/products/0804545
Jun 25, 2025, 7:29AM
Page 1 (6)


Similar Part No. - 0804545

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804541 PHOENIX-0804541 Datasheet
193Kb / 7P
EML (40XE)R YE - Label
0804543 PHOENIX-0804543 Datasheet
195Kb / 7P
EML (60XE)R YE - Label
0804546 PHOENIX-0804546 Datasheet
184Kb / 6P
EMT (EX17)R - Insert label
0804547 PHOENIX-0804547 Datasheet
184Kb / 6P
EMT (EX38)R - Insert label
0804548 PHOENIX-0804548 Datasheet
196Kb / 7P
EML (15X6)RL YE - Label
More results

Similar Description - 0804545

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800042 PHOENIX-0800042 Datasheet
49Kb / 3P
Insert label - EMT (103X23)R TQ
0803848 PHOENIX-0803848 Datasheet
50Kb / 2P
Insert label - US-EMT (31X12,5)
0803851 PHOENIX-0803851 Datasheet
50Kb / 2P
Insert label - US-EMT (50X26)
0803853 PHOENIX-0803853 Datasheet
50Kb / 2P
Insert label - US-EMT (50/28X13)
0803856 PHOENIX-0803856 Datasheet
50Kb / 2P
Insert label - US-EMT (103X23)
0803858 PHOENIX-0803858 Datasheet
50Kb / 2P
Insert label - US-EMT (23X109)
0803862 PHOENIX-0803862 Datasheet
50Kb / 2P
Insert label - US-EMT (13X109)
1014312 PHOENIX-1014312 Datasheet
44Kb / 2P
Magnetic label - PMM (EX40)R
1014313 PHOENIX-1014313 Datasheet
44Kb / 2P
Magnetic label - PMM (EX40)R SR
1014314 PHOENIX-1014314 Datasheet
44Kb / 2P
Magnetic label - PMM (EX40)R YE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com