Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2902 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2902
Description  Low Power Quad Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2902 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2902 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2902 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2902 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2902 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2902 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2902 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2902 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2902 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS324/TS2902
Low Power Quad Operational Amplifiers
1/8
Version: A07
DIP-14
SOP-14
General Description
TS324/TS2902 contains four independent high gain operational amplifiers with internal frequency compensation. The
four op-amps use a split power supply. The device has low power supply current drain, regardless or the power
supply voltage. The low power drain also makes the TS324/TS2902 a good choice for battery operation. When your
project calls for a traditional op-amp function, now you can streamline your design with a simple single power supply.
Use ordinary +5V common to practically any digital system or personal computer application, without requiring an
extra 15V power supply just to have the interface electronics you need. TS324/TS2902 is a versatile, rugged
workhorse with a thousand-and-one uses, from amplifying signals from a variety of transducers to dc gain blocks, or
any op-amp function. The attached pages offer some recipes that will have your project cooking in no time.
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
TS324
+32 or ±16
Supply Voltage
TS2902
VCC
+26 or ±13
V
TS324
32
Differential Input Voltage
(Split Power Supplies)
TS2902
VIDR
26
V
-0.3 to 32
Input Common Mode Voltage Range (note 1)
VICR
-0.3 to 26
V
Input Forward Current (note 2)
IIF
50
mA
Output Short Circuit Duration
tsc
Continuous
TS324
0 ~ +70
Operating Temperature Range
TS2902
TOPR
-40 ~ +85
oC
Junction Temperature
TJ
+150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Note 1: For supply. Voltages less than 32V/26V for the TS324/TS2902 the absolute maximum input voltage is equal to
the supply voltage.
Note 2: This input current will only exist when the voltage is negative at any of the input leads. Normal output states
will reestablish when the input voltage returns to a voltage greater than -0.3V.
Features
●
Single supply operation: 3V to 32V
●
Low input bias currents
●
Internally compensated
●
Common mode range extends to negative supply
●
Single and split supply operation
Ordering Information
Part No.
Package
Packing
TS324CD14 C4
DIP-14
50pcs / Tube
TS324CS14 RL
SOP-14
2.5Kpcs / 13” Reel
TS2902CD14 C4
DIP-14
50pcs / Tube
TS2902CS14 RL
SOP-14
2.5Kpcs / 13” Reel
Block Diagram
Pin Definition:
1. Output A
14. Output D
2. Input A (-)
13. Input D (-)
3. Input A (+) 12. Input D (+)
4. Vcc
11. Gnd
5. Input B (+) 10. Input C (+)
6. Input B (-)
9. Input C (-)
7. Output B
8. Output C


Similar Part No. - TS2902

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2902 TSC-TS2902 Datasheet
146Kb / 6P
Quad Operating Amplifier
TS2902CD14 TSC-TS2902CD14 Datasheet
146Kb / 6P
Quad Operating Amplifier
TS2902CS14 TSC-TS2902CS14 Datasheet
146Kb / 6P
Quad Operating Amplifier
More results

Similar Description - TS2902

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Mar-2001
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Aug-1998
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_07 Datasheet
285Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
Low-power quad operational amplifiers
31-Aug-2022
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
Low power quad operational amplifiers
ver.09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com