Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO92 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # TO92
Description  Through hole, 3 pin package Package outline
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

TO92 Datasheet(HTML) 1 Page - Zetex Semiconductors

  TO92 Datasheet HTML 1Page - Zetex Semiconductors TO92 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Issue 2 - March 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
Package information - TO92
Through hole, 3 pin package
Package outline
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Nominal weight
Nominal weight per device 204mg.
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.32
4.95
0.170
0.195
b
0.36
0.51
0.014
0.020
E
3.30
3.94
0.130
0.155
e
2.41
2.67
0.095
0.105
e1
1.14
1.40
0.045
0.055
L
12.70
15.49
0.500
0.610
R
2.16
2.41
0.085
0.095
S1
1.14
1.52
0.045
0.060
W
0.41
0.56
0.016
0.022
D
4.45
4.95
0.175
0.195
*°
4°
6°
4°
6°


Similar Part No. - TO92

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
TO92 GMT-TO92 Datasheet
102Kb / 1P
Package Outline
logo
Nanjing Ouzhuo Technolo...
TO92S-3 OHHALLSENSOR-TO92S-3 Datasheet
192Kb / 4P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
TO92S-3 OHHALLSENSOR-TO92S-3 Datasheet
206Kb / 5P
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
More results

Similar Description - TO92

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
21-0144B MAXIM-21-0144B Datasheet
135Kb / 2P
PACKAGE OUTLINE
Rev B
logo
SMSC Corporation
8SOIC SMSC-8SOIC Datasheet
295Kb / 1P
8 PIN SOIC PACKAGE OUTLINE
logo
Zetex Semiconductors
SC70-5 ZETEX-SC70-5 Datasheet
195Kb / 3P
Surface mounted, 5 pin package Package outline
MLP322 ZETEX-MLP322 Datasheet
176Kb / 3P
Surface mounted, 3 pin package Package outline
SOD523 ZETEX-SOD523 Datasheet
177Kb / 3P
Surface mounted, 2 pin package Package outline
logo
Global Mixed-mode Techn...
DFN2X2-10 GMT-DFN2X2-10 Datasheet
195Kb / 1P
Package Outline
HTSSOP-14 GMT-HTSSOP-14 Datasheet
126Kb / 1P
Package Outline
MSOP-10 GMT-MSOP-10 Datasheet
180Kb / 1P
Package Outline
logo
Wall Industries,Inc.
NED WALL-NED Datasheet
415Kb / 6P
Through Hole Package
logo
Allied Components Inter...
AETD34-3643 ALLIED-AETD34-3643_18 Datasheet
3Mb / 1P
ETD34, 12 Pin Through Hole Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com