Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX1211-RX1211RP Datasheet(PDF) 1 Page - Synology Inc.

Part # RX1211-RX1211RP
Description  Synology RX1211/RX1211RP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

RX1211-RX1211RP Datasheet(HTML) 1 Page - Synology Inc.

  RX1211-RX1211RP Datasheet HTML 1Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Synology RX1211/RX1211RP
2U 12-Bay Expansion Unit for Increasing Capacity of the Synology RackStation
Synology RX1211/RX1211RP delivers an effortless solution for volume expansion and data backup
for Synology RackStation RS3412xs/RS3412RPxs and RS2212+/RS2212RP+. The RX1211/RX1211RP
seamlessly scales up the storage capacity of the Synology RS3412xs/RS3412RPxs and RS2212+/
RS2212RP+ by an additional 12 hard drives on-the-fly when connected directly to the Synology
RS3412xs/RS3412RPxs and RS2212+/RS2212RP+.
Volume Expansion & Backup
When running out of the hard drive capacity on the Synology RS3412xs/RS3412RPxs and RS2212+/
RS2212RP+, the Synology RX1211/ RX1211RP provides an easy way to immediately scale capacity by
additional 12 hard drives. The RAID volume on the Synology RS3412xs/RS3412RPxs and RS2212+/
RS2212RP+ can be expanded directly without having to reformat the existing hard drives, ensuring the
Synology RS3412xs/RS3412RPxs and RS2212+/RS2212RP+ continues its service during the capacity
expansion. When created as an independent volume, the Synology RX1211/RX1211RP provides an easy
solution for backing up the Synology RS3412xs/RS3412RPxs and RS2212+/RS2212RP+.
Reliable Plug-n-use Design
The Synology RS3412xs/RS3412RPxs and RS2212+/RS2212RP+ securely connects to the Synology RX1211/
RX1211RP with an high-bandwidth expansion cable to ensure maximum throughput. It allows the hard
drives in the connected Synology RX1211/RX1211RP to operate as they are the internal ones of the
Synology RS3412xs/RS3412RPxs and RS2212+/RS2212RP+, with no lag in data retrieval.
Green & Easy to Manage
HDD hibernation or HDD deep sleep mode can be configured to take effect automatically when the system
has been inactive for a specified period of time. This not only saves energy but also extends the lifespan of
the hard disks. Synology RX1211/RX1211RP is managed with Synology DiskStation Manager, no additional
software installation is required.
Highlights
● Plug-n-use Minimizes Downtime
● Hot-swappable HDD Design
● HDD Hibernation/Deep Sleep Mode
● Redundant Power Supply Unit (RX1211RP
only)
● Managed from Synology DiskStation
Manager (DSM)
SYNOLOGY INC.
Founded in 2000, Synology is a young and energetic company
dedicated to developing high-performance, reliable, versatile, and
environmentally-friendly Network Attached Storage (NAS) products.
Our goal is to deliver user-friendly solutions and solid customer
service to satisfy the needs of businesses, home offices, individual
users and families.
Copyright © 2012, Synology Inc. All rights reserved. Synology, the
Synology logo are trademarks or registered trademarks of Synology
Inc. Other product and company names mentioned herein may
be trademarks of their respective companies. Synology may make
changes to specification and product descriptions at anytime, without
notice.
Printed in Taiwan,
RX1211/RX1211RP-2012-ENU-REV006
http://www.synology.com
Headquarters
Synology Inc.
3F-3, No. 106, Chang An W. Rd., Taipei, Taiwan
Tel: +886 2 2552 1814 Fax: +886 2 2552 1824
North & South America
13343 NE Bel-Red Road
Bellevue, WA 98005
USA
Tel: +1 425 818 1587
UK
Synology UK Ltd.
Etheridge Avenue,
Brinklow, Milton Keynes,
MK10 0BP, UK
Tel: +44 1908 587422
Germany
Synology GmbH
Königsallee 92a
40212 Düsseldorf
Germany
Tel: +49 (0)211 5403 9658
TechnicalSpecifications
Hardware
• Internal HDD: 12 X 3.5” SATA or 12 X 2.5” SATA
• Hot-swappable HDD: Yes
• Expansion Interface: 1 X Expansion port
• Size: 88mm X 445mm X 570mm
• Weight:
- RX1211: 11.9 kg
- RX1211RP: 14 kg
• Fan: 80mm x 80mm X4
• Noise Level: 40.3 dB(A)
• Power Recovery: Synchronized with the Synology
RackStation
• AC Input Power Voltage: 100V to 240V
• Power Frequency: 50Hz to 60Hz, Single Phase
• Operating temperature: 5°C to 35°C (40°F to 95°F)
• Storage temperature: -10°C to 70°C (15°F to 155°F)
• Relative Humidity: 5% to 95% RH
Power Consumption1
• 110 Watts (Access), 37.4 Watts (HDD Hibernation), 9.9
Watts (Deep Sleep)
RAID Management
• Volume Type: Basic, JBOD, RAID 0, RAID 1, RAID 10,
RAID 5, RAID 5+Spare, RAID 6
• RAID Migration: from Basic to RAID 1, Basic to RAID
5, Basic to RAID 5+Spare, RAID 1 to RAID 5, RAID 1
to RAID 5+Spare, RAID 5 to RAID 5+Spare, RAID 5
to RAID 6
• Expand RAID 1, RAID 5, RAID 5+Spare or RAID 6 with
Larger Hard Drives
• Managed with the Synology DSM
Certification
• FCC: Class A
• CE: Class A
Environment
• RoHS Compliant
Package Content
• RX1211/RX1211RP Main Unit
• User’s Guide
• Assembling Kit
• AC Power Cord
- RX1211: X 1
- RX1211RP: X 2
• Expansion Cable X1
Warranty
• 3 years
_____
1. Measured with 12 Western Digital 3TB WD30EZRS hard drives.
The figures could vary on different environments.
Data Sheet
RX1211/RX1211RP
Networking
RS2212+/RS2212RP+
RX1211/RX1211RP
External Disk
Wireless Router
Windows ADS Server
IP Camera
PC / Mac / Linux
PC / Mac / Linux
CONNECTIONS & BUTTONS
HDD Tray
RS2212+/RS2212RP+
RESET
button
Expansion Port
Power
Port
Fan
RX1211:
RX1211RP:
RESET
button
Expansion Port
Fan
Power
Ports


Similar Part No. - RX1211-RX1211RP

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RX1212S RECOM-RX1212S Datasheet
103Kb / 2P
ECONOLINE - DC/DC - CONVERTER
logo
Synology Inc.
RX1213SAS SYNOLOGY-RX1213SAS Datasheet
944Kb / 2P
RackStation RX1213sas
RX1214-RX1214RP SYNOLOGY-RX1214-RX1214RP Datasheet
531Kb / 2P
Expansion Unit RX1214/RX1214RP
logo
NXP Semiconductors
RX1214B130Y PHILIPS-RX1214B130Y Datasheet
87Kb / 12P
NPN microwave power transistors
1997 Feb 14
logo
American Microsemicondu...
RX1214B150W AMMSEMI-RX1214B150W Datasheet
463Kb / 1P
Microwave Power Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com