Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD02N Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # STD02N
Description  Darlington Transistors for Audio Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STD02N Datasheet(HTML) 2 Page - Allegro MicroSystems

  STD02N Datasheet HTML 1Page - Allegro MicroSystems STD02N Datasheet HTML 2Page - Allegro MicroSystems STD02N Datasheet HTML 3Page - Allegro MicroSystems STD02N Datasheet HTML 4Page - Allegro MicroSystems STD02N Datasheet HTML 5Page - Allegro MicroSystems STD02N Datasheet HTML 6Page - Allegro MicroSystems STD02N Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Darlington Transistors for Audio Amplifiers
STD02N and
STD02P
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature of +25°C, unless otherwise stated.
ABSOLUTE MAXIMUM RATINGS at TA = 25°C
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage1
VCBO
150
V
Collector-Emitter Voltage1
VCEO
150
V
Emitter-Base Voltage1
VEBO
5V
Collector Current1
IC
12
A
Base Current1
IB
1A
Collector Power Dissipation2
PC
130
W
Diode Forward Current
IF
10
mA
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
–55 to150
°C
1
For PNP type (STD02P), voltage and current values are negative.
2
TC = 25°C.
SELECTION GUIDE
Part Number
Type
hFE Rating
Packing
STD02N*
NPN
Range O: 5000 to 12000
Bulk, 100 pieces
Range Y: 8000 to 20000
STD02P*
PNP
Range O: 5000 to 12000
Range Y: 8000 to 20000
*Specify hFE range when ordering. If no hFE range is specified, order will be fulfilled with either or both range O and range Y,
depending upon availability.
ELECTRICAL CHARACTERISTICS at TA = 25°C
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector-Cutoff Current1
ICBO
VCB = 150 V
–
–
100
μA
Emitter Cutoff Current1
IEBO
VEB = 5 V
–
–
100
μA
Collector-Emitter Voltage1
VCEO
IC = 30 mA
150
–
–
V
DC Current Transfer Ratio2,3
hFE
VCE = 4 V, IC = 7 A
5000
–
20000
–
Collector-Emitter Saturation Voltage1
VCE(sat)
IC = 7 A, IB = 7 mA
–
–
–2.0
V
Base-Emitter Saturation Voltage1
VBE(sat)
IC = 7 A, IB = 7 mA
–
–
–2.5
V
Base-Emitter Voltage
VBE
STD02N
VCE = 20 V, IC = 40 mA
–
1200
–
mV
STD02P
VCE = –20 V, IC = –40 mA
–
1210
–
mV
Diode Forward Voltage
VF
STD02N
IF = 2.5 mA
–
705
–
mV
STD02P
IF = 2.5 mA
–
1540
–
mV
1
For PNP type (STD02P), voltage and current values are negative.
2
hFE rating: 5000 to 12000(O brand on package), 8000 to 20000 (Y).
3
When the transistor is used in pairs, the following conditions must be satisfied: Total VF ≤ Total VBE of the transistors (the above measurement
conditions shall be applied), and ∆V = 0 to 500 mV.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com