Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS823 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS823
Description  Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS823 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS823_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS823_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS823_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS823_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS823_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS823_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS823_07 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS823_07 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS823/824/825 Series
Microprocessor Supervisory Circuit
with Watchdog Timer & Manual Reset
2/8
Version: B07
Electrical Specifications (Ta = 25oC, unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Input Supply Voltage
Vdd
1.0
--
5.5
V
Supply Current
WDI and MRB unconnected
Idd
--
3
10
uA
TS823/824/825CX5A
4.56
4.63
4.7
TS823/824/825CX5B
4.31
4.38
4.45
TS823/824/825CX5D
3.03
3.08
3.13
TS823/824/825CX5E
2.89
2.93
2.97
TS823/824/825CX5F
2.59
2.63
2.67
TS823/824/825CX5G
2.28
2.32
2.36
Reset Threshold
TS823/824/825CX5H
VTH
2.15
2.19
2.23
V
RESET Output Voltage Low
Vdd<VTH(MIN), ISINK =1.2mA,
VOL
--
--
0.5
V
(RESET) Output Voltage High
Vdd>VTH(MAX), ISOURCE=0.5mA
VOH
0.8 Vdd
--
--
V
Vdd to Reset Delay
Vdd =VTH - 100mV
TD1
--
40
--
uS
Reset Active Timeout Period
Ta=-40
oC ~+85oC
TD2
140
210
280
mS
Watchdog Timeout Period
TWD
1120
1760
2400
mS
WDI Pulse Width
TWDI
50
--
--
nS
WDIIL
--
--
0.7
V
WDI Input Threshold
Vdd = VTH x 1.2
WDIIH
0.8 Vdd
--
--
V
WDI =0V
IIL
-15
-8
0.7
uA
WDI Input Current
WDI =Vdd = 5V
IIH
--
8
15
uA
MRIL
--
--
0.7
V
MR Input Threshold
Vdd=VTH x 1.2
MRIH
0.8 Vdd
--
--
V
MR Pulse Width
TWMR
1
--
--
uS
MR Noise Immunity
Pulse width with no reset
--
100
--
nS
MR to Reset Delay
Vdd = VTH - 100mV
TDMR
--
500
--
nS
MR Pull Up Resistance
80
--
120
KΩ
Input Supply Voltage
Ta=-40
oC~+85oC
VCC
1.0
--
5.5
V
Detail Description
Pin Function
Pin Name
Pin Description
Reset
Active Low
GND
Ground
(Reset)
Active High
MR
This pin is active low. Pulling this pin low to forces a reset. After a low to high transition reset remains
asserted for exactly one reset timeout period. This pin is internally pulled high. If this function is unused
then float this pin or tie it to Vdd.
WDI
Watch Dog Input. Any transition on this pin will reset the Watch Dog timer. If this pin remains high or
low for longer than the Watch Dog interval then a reset is asserted. Float or tri-state this pin to disable
the Watch Dog feature.
Vdd
Positive power supply. A reset is asserted after this voltage drops below a predetermined level. After
Vdd rises above that level reset remains asserted until the end of the reset timeout period.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com