Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20008073 Datasheet(PDF) 4 Page - Phoenix Mecano S.E. Asia Pte Ltd

Part # 20008073
Description  Cable glands / General Accessories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOPLA [Phoenix Mecano S.E. Asia Pte Ltd]
Direct Link  https://www.bopla.de/en/
Logo BOPLA - Phoenix Mecano S.E. Asia Pte Ltd

20008073 Datasheet(HTML) 4 Page - Phoenix Mecano S.E. Asia Pte Ltd

  20008073 Datasheet HTML 1Page - Phoenix Mecano S.E. Asia Pte Ltd 20008073 Datasheet HTML 2Page - Phoenix Mecano S.E. Asia Pte Ltd 20008073 Datasheet HTML 3Page - Phoenix Mecano S.E. Asia Pte Ltd 20008073 Datasheet HTML 4Page - Phoenix Mecano S.E. Asia Pte Ltd 20008073 Datasheet HTML 5Page - Phoenix Mecano S.E. Asia Pte Ltd 20008073 Datasheet HTML 6Page - Phoenix Mecano S.E. Asia Pte Ltd 20008073 Datasheet HTML 7Page - Phoenix Mecano S.E. Asia Pte Ltd 20008073 Datasheet HTML 8Page - Phoenix Mecano S.E. Asia Pte Ltd 20008073 Datasheet HTML 9Page - Phoenix Mecano S.E. Asia Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MBL-EX..MS:
- Blind plug, metric
- IP 66 / 68, 5 bar (30 min)/ DIN EN 60529
- Brass, nickel-plated
- Temperature range: -20°C to +80°C (MS)
- Test standard: EN 60079-0/EN
60079-7/EN 61241-0/EN 61241-1
- EC test certificate: DMT 99 ATEX E016
MBL-EX..PA:
- Blind plug
- Metric
- IP 66
- Polyamide, black, similar to RAL 9005
- Temperature range: -55°C to +95°C
- Test standard: EN 60079-0/EN
60079-7/EN 61241-0/EN 61241-1
- EC test certificate: PTB 98 ATEX 3130
Additional blind plugs, twisting nipples,
counter nuts, sealing rings, rubber seals
etc.
DAE: pressure compensation elements in
light grey or black
Protection class:
- IP 66 / DIN EN 60529
- IP 68, 0,2 bar (60 min) / DIN EN 60529
- IP 69 / DIN EN 60529
THIS PRODUCT IS ONLY SUITABLE FOR
USE IN INDUSTRIAL APPLICATIONS. It is
not designed for the manufacture,
processing or packing of foodstuffs,
medicines or cosmetic and medical
products.
Information on EX:
Cable glands and blind plugs for use in
hazardous areas are tested independently
of the unit enclosure and are certified as
electrical material with EC type-
examination certificates in accordance with
EU directive 94/9/EC (ATEX). They are
suitable for introducing cables and leads
into hazardous areas in equipment group
II, categories 2 and 3, with gas explosion
protection G, and/or in some cases with
dust explosion protection D, in ignition
protection types EEx e “increased safety”
(EN 60079-7) and EEx i “intrinsic safety”
(EN 60079-11). For ignition protection type
EEx i, we can also supply the polyamide
cable glands for marking with a blue cap
nut.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com