Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V220MA2A.. Datasheet(PDF) 5 Page - Littelfuse

Part # V220MA2A..
Description  Metal-Oxide Varistors (MOVs)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V220MA2A.. Datasheet(HTML) 5 Page - Littelfuse

  V220MA2A.. Datasheet HTML 1Page - Littelfuse V220MA2A.. Datasheet HTML 2Page - Littelfuse V220MA2A.. Datasheet HTML 3Page - Littelfuse V220MA2A.. Datasheet HTML 4Page - Littelfuse V220MA2A.. Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/04/15
Metal-Oxide Varistors (MOVs)
Axial Lead / Application Specific Varistors > MA Series
Product Dimensions
LL
H
b (diameter)
D (diameter)
H
G
L
L
øD
øb
Symbol
Inches
Millimeters
Min
Max
Min
Max
Øb
0.024
0.026
0.61
0.66
ØD
0.118
0.177
3.0
4.5
H
0.177
0.276
4.5
7.0
L
1.740
1.220
27.3
31.0
Typical Weight = 0.5g
Operating/Storage
Temperature
-40°C to +85°C
Passive Aging
+85°C, 1000 hours
+/-10% typical voltage change
Humidity Aging
+85°C, 85% RH, 1000 hours
+/-10% typical voltage change
Thermal Shock
+85°C to -40°C 5 times
+/-10% typical voltage change
Solvent Resistance
MIL–STD–202, Method 215
Moisture Sensitivity
Level 1, J-STD-020
Lead Material
Tin–plated Copper clad steel
Soldering
Characteristics
Solderability per MIL–STD–202,
Method 208
Insulating Material
Cured, flame retardant epoxy polymer
meets UL94V–0 requirements
Device Labeling
Marked with LF, voltage and date code
Physical Specifications
Environmental Specifications
Tape and Reel Dimensions
• Conforms to EIA Standard RS-296E
H1
H2
0.240
0.040
2.062
0.059
2.681
MAX
0.063
MAX
0.135-
0.145
0.098-
0.177
0.118-
0.236
0.063
MAX
0.02-
0.023
0.200
0.020
0.080
MAX
0.240
0.040
H1 = H2 0.040
LL
H
b (diameter)
D (diameter)
H1 = H2 +/- 0.040”
H1
H2
0.240”+/- 0.040
2.062”+/- 0.059
2.681” max
0.063” max
Conforms to EIA Standard RS-296-E
0.080” max
0.200” +/- 0.02
Part Numbering System
VARISTOR VOLTAGE
(VN at 1mA)
ENERGY/CLAMPING
VOLTAGE VARIANT
SERIES DESIGNATOR
MA: Bulk Pack
MT: Tape and Reel
V XXX MA XX
VARISTOR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com