Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-01 Datasheet(PDF) 1 Page - PRO-IRODA INDUSTRIES, INC.

Part # S-01
Description  SOLDERPRO Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRO-IRODA [PRO-IRODA INDUSTRIES, INC.]
Direct Link  https://pro-iroda.com/
Logo PRO-IRODA - PRO-IRODA INDUSTRIES, INC.

S-01 Datasheet(HTML) 1 Page - PRO-IRODA INDUSTRIES, INC.

  S-01 Datasheet HTML 1Page - PRO-IRODA INDUSTRIES, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pro-Iroda - Cordless Butane Tools at the Leading Edge!
http://www.pro-iroda.com/tips1.htm
1 of 1
10/12/2007 11:38
SOLDERPRO Series
Tips - Pro 50 / Pro 70
S-01
1mm Conical
Standard 1mm
Conical
Soldering Tip
for Pro 50 and
Pro 70.
S-02
2mm Conical
2mm Conical
Soldering Tip
for Pro 50 and
Pro 70.
S-03
3mm Conical
3mm Conical
Soldering Tip
for Pro 50 and
Pro 70.
S-12
2mm Chisel
2mm Chisel
Soldering Tip
for Pro 50 and
Pro 70.
S-13
3mm Chisel
3mm Chisel
Soldering Tip
for Pro 50 and
Pro 70.
S-14
4mm Chisel
4mm Chisel
Soldering Tip
for Pro 50 and
Pro 70.
S-22
2mm Angle
2mm Diagonal
Soldering Tip
for Pro 50 and
Pro 70.
S-23
3mm Angle
3mm Diagonal
Soldering Tip
for Pro 50 and
Pro 70.
S-05
Hot Knife
Catalytic Hot
Knife Tip for
Pro 50 and
Pro 70.
S-07
Heat Blower
Catalytic Hot
Air Blower for
Pro 50 and
Pro 70.
S-06Blow
Torch
Blow Torch
Attachment for
Pro 50 and
Pro 70.
S-08
Heat Blower
+ Deflector
Catalytic Hot
Air Blower with
Deflector for
Pro 50 and
Pro 70.
S-30
Deflector
Deflector
Attachment for
Pro 50 and
Pro 70.
Pro-Iroda
Home
About the Company
Contact Information
Products
SOLDERPRO Series
Single Tools
Kits
Tips
PRO-TORCH Series
MICRO-JET Series
Hot Air Blowers / Glue
Guns
O-GRILL
Gift Sets
Technical Support
Product Manuals
Help - FAQ
Cordless butane powered products at the leading edge!
1-888-66-IRODA
P.O. Box 360, Chagrin Falls, OH 44022-0360 USA
©2007 Pro-Iroda Industries, Inc.


Similar Part No. - S-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-00201G ETC1-S-00201G Datasheet
105Kb / 1P
LCD BACK LIGHT, COG TYPE
S-00403G ETC1-S-00403G Datasheet
101Kb / 1P
LCD BACK LIGHT, TAB TYPE
S-00406VG ETC1-S-00406VG Datasheet
105Kb / 1P
LCD BACK LIGHT, COG TYPE
S-00808G ETC1-S-00808G Datasheet
101Kb / 1P
LCD BACK LIGHT, TAB TYPE
logo
Johanson Technology Inc...
S-0402 JOHANSON-S-0402 Datasheet
61Kb / 2P
CERAMIC CAPACITOR ENGINEERING DESIGN KITS
More results

Similar Description - S-01

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com