Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL102R005 Datasheet(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

Part # SL102R005
Description  Circuit Protection Thermistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL102R005 Datasheet(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL102R005 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet
SL10 2R005
Mechanical Specifications (mm)
Electrical Specifications
Max Steady State Current upto 65°c: 5.00
A
J
30
Max Rec. Energy Rating:
Actual Failure Instantaneous Energy: 65
J
Ω
0.10
Resistance @ 100% Max Current:
Resistance @ 50% Max Current: 0.20
Ω
°c
150.00
Body Temperature at 100% Max Current:
Dissipation Constant: 10.0
mw/°c
Sec.
25
Thermal Time Constant:
Material Type (for Beta and Curve): A
D: 10.0
max
max
5.0
T:
Lead Diameter
0.5
nom
nom
5.1
S:
L: 38.0
nom
max
Coating Lead Run Down
(straight Leads)
B: 7.50
nom
nom
2.20
C:
µf
2,000
Maximum Capacitance @ 120 VAC:
Maximum Capacitance @ 240 VAC:
µf
520
±
±
±
±
±
±
±
±
ISO9001:2008 Certified
Resistance: 2.0 Ω ± 20 %
SL10 2R005
11/11/2008
Erin Landis
Mehdi Samii
Ametherm, Inc.
3111 N. Deer Run Road
Carson City, Nevada USA 89701
www.ametherm.com
Drawn by:
Date:
Approved By:
A
Revison:


Similar Part No. - SL102R005

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SL102R005 AMETHERM-SL102R005 Datasheet
29Kb / 1P
Circuit Protection Thermistors
SL102R005 AMETHERM-SL102R005 Datasheet
29Kb / 2P
Erin Landis
SL102R005 AMETHERM-SL102R005_14 Datasheet
29Kb / 2P
Erin Landis
More results

Similar Description - SL102R005

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
MS320R540 AMETHERM-MS320R540 Datasheet
164Kb / 1P
Circuit Protection Thermistors
MS321R036 AMETHERM-MS321R036 Datasheet
151Kb / 1P
Circuit Protection Thermistors
MS327R015 AMETHERM-MS327R015 Datasheet
148Kb / 1P
Circuit Protection Thermistors
MS353R030 AMETHERM-MS353R030 Datasheet
28Kb / 1P
Circuit Protection Thermistors
MS1115101 AMETHERM-MS1115101 Datasheet
34Kb / 1P
Circuit Protection Thermistors
MS1566003 AMETHERM-MS1566003 Datasheet
34Kb / 1P
Circuit Protection Thermistors
NT0350311 AMETHERM-NT0350311 Datasheet
31Kb / 2P
Circuit Protection Thermistors
NT0368291 AMETHERM-NT0368291 Datasheet
31Kb / 2P
Circuit Protection Thermistors
MS2210008 AMETHERM-MS2210008 Datasheet
30Kb / 1P
Circuit Protection Thermistors
MS2212102 AMETHERM-MS2212102 Datasheet
34Kb / 1P
Circuit Protection Thermistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com